Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA56004BDP Datasheet (PDF) - NXP Semiconductors

SA56004BDP Datasheet PDF - NXP Semiconductors
Part # SA56004BDP
Download  SA56004BDP Download

File Size   219.16 Kbytes
Page   23 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms

SA56004BDP Datasheet (PDF)

Go To PDF Page Download Datasheet
SA56004BDP Datasheet PDF - NXP Semiconductors

Part # SA56004BDP
Download  SA56004BDP Click to download

File Size   219.16 Kbytes
Page   23 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms

SA56004BDP Datasheet (HTML) - NXP Semiconductors

Back Button SA56004BDP Datasheet HTML 1Page - NXP Semiconductors SA56004BDP Datasheet HTML 2Page - NXP Semiconductors SA56004BDP Datasheet HTML 3Page - NXP Semiconductors SA56004BDP Datasheet HTML 4Page - NXP Semiconductors SA56004BDP Datasheet HTML 5Page - NXP Semiconductors SA56004BDP Datasheet HTML 6Page - NXP Semiconductors SA56004BDP Datasheet HTML 7Page - NXP Semiconductors SA56004BDP Datasheet HTML 8Page - NXP Semiconductors SA56004BDP Datasheet HTML 9Page - NXP Semiconductors SA56004BDP Datasheet HTML 10Page - NXP Semiconductors Next Button 

SA56004BDP Product details

GENERAL DESCRIPTION
The Philips SA56004X is an SMBus compatible, 11-bit remote/local digital temperature sensor with over temperature alarms. The remote channel of the SA56004 monitors a diode junction, such as a substrate PNP of a microprocessor or a diode connected transistor such as the 2N3904 (NPN) or 2N3906 (PNP). With factory trimming, remote sensor accuracy of ±1°C is achieved.
   
FEATURES
• Accurately senses temperature of remote microprocessor thermal
    diodes or diode connected transistors within ±1 °C
• On-chip local temperature sensing
• 11-bit, 0.125 °C resolution
• 8 different device addresses are available for server applications.
    The SA56004ED/EDP with marking code 56004E/600E is
    address compatible with the National LM86, the MAX6657/8 and
    the ADM1032.
• Offset registers available for adjusting the remote temperature
    accuracy
• Programmable under/overtemperature alarms: ALERT and T_CRIT
• SMBus 2.0 compatible interface, supports TIMEOUT
• Operating voltage range: 3.0 V to 3.6 V
• I2C-bus standard and fast mode compatible
• TSSOP8 and SO8 packages
• Programmable conversion rate (0.0625 Hz to 26 Hz)
• Undervoltage lockout prevents erroneous temperature readings
• Latch-up testing is done to JESDEC Standard JESD78 which
    exceeds 100 mA
   
APPLICATIONS
• System thermal management in laptops, desktops, servers and
    workstations
• Computers and office electronic equipment
• Electronic test equipment & instrumentation
• HVAC
• Industrial controllers and embedded systems
   




Similar Part No. - SA56004BDP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA56004BDP NXP-SA56004BDP Datasheet
207Kb / 36P
   짹1 째C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
Rev. 05-22 May 2008
More results


Similar Description - SA56004BDP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA56004X NXP-SA56004X Datasheet
207Kb / 36P
   짹1 째C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
Rev. 05-22 May 2008
logo
Maxim Integrated Produc...
MAX6657 MAXIM-MAX6657_10 Datasheet
170Kb / 16P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 5; 10/10
MAX6657 MAXIM-MAX6657 Datasheet
275Kb / 17P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 2; 1/02
MAX6648 MAXIM-MAX6648_08 Datasheet
200Kb / 16P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 4; 6/08
MAX6648 MAXIM-MAX6648 Datasheet
280Kb / 17P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 1; 10/02
MAX6654 MAXIM-MAX6654_13 Datasheet
215Kb / 16P
   1°C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 4; 6/13
MAX6654 MAXIM-MAX6654 Datasheet
222Kb / 16P
   1째C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 2; 1/02
MAX6690 MAXIM-MAX6690 Datasheet
235Kb / 16P
   2째C Accurate Remote/Local Temperature Sensor with SMBus Serial Interface
Rev 0; 10/01
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6642 MAXIM-MAX6642_08 Datasheet
154Kb / 14P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 1; 10/08
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com