Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HX6656NQNT Datasheet (PDF) - List of Unclassifed Manufacturers

HX6656NQNT Datasheet PDF - List of Unclassifed Manufacturers
Part # HX6656NQNT
Download  HX6656NQNT Download

File Size   155.38 Kbytes
Page   12 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 32K x 8 ROM-SOI

HX6656NQNT Datasheet (PDF)

Go To PDF Page Download Datasheet
HX6656NQNT Datasheet PDF - List of Unclassifed Manufacturers

Part # HX6656NQNT
Download  HX6656NQNT Click to download

File Size   155.38 Kbytes
Page   12 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 32K x 8 ROM-SOI

HX6656NQNT Datasheet (HTML) - List of Unclassifed Manufacturers

Back Button HX6656NQNT Datasheet HTML 1Page - List of Unclassifed Manufacturers HX6656NQNT Datasheet HTML 2Page - List of Unclassifed Manufacturers HX6656NQNT Datasheet HTML 3Page - List of Unclassifed Manufacturers HX6656NQNT Datasheet HTML 4Page - List of Unclassifed Manufacturers HX6656NQNT Datasheet HTML 5Page - List of Unclassifed Manufacturers HX6656NQNT Datasheet HTML 6Page - List of Unclassifed Manufacturers HX6656NQNT Datasheet HTML 7Page - List of Unclassifed Manufacturers HX6656NQNT Datasheet HTML 8Page - List of Unclassifed Manufacturers HX6656NQNT Datasheet HTML 9Page - List of Unclassifed Manufacturers HX6656NQNT Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 

HX6656NQNT Product details

[Honeywell]



GENERAL DESCRIPTION

The 32K x 8 Radiation Hardened ROM is a high perform ance 32,768 word x 8-bit read only memory with industry standard functionality. It is fabricated with Honeywell’s radiation hardened technology, and is designed for use in systems operating in radiation environments. The ROM

operates over the full military temperature range and requires only a single 5 V ±10% power supply. The ROM is available with either TTL or CMOS compatible I/O. Power consumption is typically less than 15 mW/MHz in operation, and less than 5 mW when de-selected. The ROM operation is fully asynchronous, with an associated typical access time of 14 ns.



FEATURES

RADIATION

• Fabricated with RICMOS™ IV Silicon on Insulator (SOI) 0.75 µm Process (Leff = 0.6 µm)

• Total Dose Hardness through 1x10 6rad(SiO2)

• Dynamic and Static Transient Upset Hardness through 1x109 rad(Si)/s

• Dose Rate Survivability through 1x1011 rad(Si)/s

• Neutron Hardness through 1x1014cm-2

• SEU Immune

• Latchup Free



OTHER

• Read Cycle Times

   < 17 ns (Typical)

   ≤25 ns (-55 to 125°C)

• Typical Operating Power <15 mW/MHz

• Asynchronous Operation

• CMOS or TTL Compatible I/O

• Single 5 V ±10% Power Supply

• Packaging Options

  - 28-Lead Flat Pack (0.500 in. x 0.720 in.)

  - 28-Lead DIP, MIL-STD-1835, CDIP2-T28

  - 36-Lead Flat Pack (0.630 in. x 0.650 in.)




Similar Part No. - HX6656NQNT

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HX6001 HBH-HX6001 Datasheet
20Kb / 1P
   15-21 GHz Active Harmonic Mixer
logo
Pulse A Technitrol Comp...
HX6062FNL PULSE-HX6062FNL Datasheet
477Kb / 3P
   MDL,SIN,1GP,1:1,SM,TU
HX6062NL PULSE-HX6062NL Datasheet
328Kb / 3P
   MDL,SIN,1GP,1:1,SM,TU
HX6080FNL PULSE-HX6080FNL Datasheet
500Kb / 3P
   MDL,DUAL,1GP,1:1,SM,TU
HX6080NL PULSE-HX6080NL Datasheet
343Kb / 3P
   MDL,DUAL,1GP,1:1,SM,TU
More results


Similar Description - HX6656NQNT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HX6356 ETC1-HX6356 Datasheet
145Kb / 12P
   32K x 8 STATIC RAM-SOI
logo
Honeywell Solid State E...
HLX6256 HONEYWELL-HLX6256 Datasheet
153Kb / 12P
   32K x 8 STATIC RAM Low Power SOI
logo
List of Unclassifed Man...
HM23C256A ETC1-HM23C256A Datasheet
74Kb / 1P
   32K x 8 MASK ROM
logo
Everspin Technologies I...
MR256A08B EVERSPIN-MR256A08B Datasheet
1Mb / 24P
   32K x 8 MRAM
Rev. 6.5 3/2018
logo
List of Unclassifed Man...
HLX6228 ETC-HLX6228 Datasheet
156Kb / 12P
   128K x 8 STATIC RAM-Low Power SOI
logo
Honeywell Solid State E...
HX6228 HONEYWELL-HX6228 Datasheet
153Kb / 12P
   128K x 8 STATIC RAM-SOI HX6228
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
   32K x 8 Static RAM
logo
Simtek Corporation
STK17T88 SIMTEK-STK17T88 Datasheet
581Kb / 28P
   32K x 8 AutoStore nvSRAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
   32K x 8 Static RAM
logo
List of Unclassifed Man...
U637256 ETC1-U637256 Datasheet
146Kb / 14P
   CapStore 32K x 8 nvSRAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com