Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM337MT Datasheet (PDF) - ON Semiconductor

LM337MT Datasheet PDF - ON Semiconductor
Part # LM337MT
Download  LM337MT Download

File Size   158.51 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MEDIUM CURRENT THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR

LM337MT Datasheet (PDF)

Go To PDF Page Download Datasheet
LM337MT Datasheet PDF - ON Semiconductor

Part # LM337MT
Download  LM337MT Click to download

File Size   158.51 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description MEDIUM CURRENT THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR

LM337MT Datasheet (HTML) - ON Semiconductor

LM337MT Datasheet HTML 1Page - ON Semiconductor LM337MT Datasheet HTML 2Page - ON Semiconductor LM337MT Datasheet HTML 3Page - ON Semiconductor LM337MT Datasheet HTML 4Page - ON Semiconductor LM337MT Datasheet HTML 5Page - ON Semiconductor LM337MT Datasheet HTML 6Page - ON Semiconductor LM337MT Datasheet HTML 7Page - ON Semiconductor LM337MT Datasheet HTML 8Page - ON Semiconductor

LM337MT Product details

The LM337M is an adjustable three–terminal negative voltage regulator capable of supplying in excess of 500 mA over an output voltage range of –1.2 V to –37 V. This voltage regulator is exceptionally easy to use and requires only two external resistors to set the output voltage. Further, it employs internal current limiting, thermal shutdown and safe area compensation, making it essentially blow–out proof.
The LM337M serves a wide variety of applications including local, on–card regulation. This device can also be used to make a programmable output regulator or by connecting a fixed resistor between the adjustment and output. The LM337M can be used as a precision current regulator.

• Output Current in Excess of 500 mA
• Output Adjustable Between –1.2 V and –37 V
• Internal Thermal Overload Protection
• Internal Short Circuit Current Limiting
• Output Transistor Safe–Area Compensation
• Floating Operation for High Voltage Applications
• Standard 3–Lead Transistor Packages
• Eliminates Stocking Many Fixed Voltages




Similar Part No. - LM337MT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
Seme LAB
LM337 SEME-LAB-LM337 Datasheet
48Kb / 4P
   1.5 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATOR
logo
STMicroelectronics
LM337 STMICROELECTRONICS-LM337 Datasheet
245Kb / 14P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATORS
March 1993
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
160Kb / 10P
   1.5 A, Adjustable Output, Negative Voltage Regulator
April, 2012 ??Rev. 9
logo
Texas Instruments
LM337 TI-LM337 Datasheet
273Kb / 10P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATORS
More results


Similar Description - LM337MT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
Micro Commercial Compon...
MC79L08BP MCC-MC79L08BP_08 Datasheet
82Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F_11 Datasheet
204Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L12BP MCC-MC79L12BP_08 Datasheet
173Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F_13 Datasheet
232Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F_09 Datasheet
132Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC78L15F MCC-MC78L15F Datasheet
174Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L08BP MCC-MC79L08BP_11 Datasheet
217Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L15BP MCC-MC79L15BP Datasheet
478Kb / 3P
   Three-Terminal Low Current Negative Voltage Regulator
MC79L06F MCC-MC79L06F Datasheet
84Kb / 2P
   Three-Terminal Low Current Negative Voltage Regulator
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com