Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC2905AT-T1 Datasheet (PDF) - NEC

PC2905AT-T1 Datasheet PDF - NEC
Part # PC2905AT-T1
Download  PC2905AT-T1 Download

File Size   86.31 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR

PC2905AT-T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC2905AT-T1 Datasheet PDF - NEC

Part # PC2905AT-T1
Download  PC2905AT-T1 Click to download

File Size   86.31 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR

PC2905AT-T1 Datasheet (HTML) - NEC

Back Button PC2905AT-T1 Datasheet HTML 1Page - NEC PC2905AT-T1 Datasheet HTML 2Page - NEC PC2905AT-T1 Datasheet HTML 3Page - NEC PC2905AT-T1 Datasheet HTML 4Page - NEC PC2905AT-T1 Datasheet HTML 5Page - NEC PC2905AT-T1 Datasheet HTML 6Page - NEC PC2905AT-T1 Datasheet HTML 7Page - NEC PC2905AT-T1 Datasheet HTML 8Page - NEC PC2905AT-T1 Datasheet HTML 9Page - NEC PC2905AT-T1 Datasheet HTML 10Page - NEC Next Button 

PC2905AT-T1 Product details

DESCRIPTION
The µPC29M33A, µPC29M05A of low dropout voltage three terminal positive regulators is constructed with PNP output transistor. The µPC29M33A, µPC29M05A feature the ability to source 0.5 A of output current with a low dropout voltage of typically 0.5 V.
The power dissipation of the µPC29M33A, µPC29M05A can be drastically reduced compared with the conventional three terminal positive voltage regulators that is constructed with NPN output transistor. Also, this series corresponds to the low voltage output (3 V, 3.3 V) which is not in the conventional low dropout regulators ( µPC24M00A series).

FEATURES
• Output current in excess of 0.5 A
• Low dropout voltage VDIF = 0.5 V TYP. (at IO = 0.5 A)
• On-chip overcurrent and thermal protection circuit
• On-chip output transistor safe area protection circuit




Similar Part No. - PC2905AT-T1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC29070100A ETC2-PC29070100A Datasheet
892Kb / 13P
   GSM 850/900/1800/1900 & UMTS/WCDMA(3G) 2100 MHz 80mm*30mm PCB Antenna
logo
Taoglas antenna solutio...
PC29070100A TAOGLAS-PC29070100A Datasheet
972Kb / 11P
   TheStripe??Penta-Band GSM 850 / 900 / 1800 / 1900 & UMTS / WCDMA (3G) 2100 MHz
logo
List of Unclassifed Man...
PC29090100A ETC2-PC29090100A Datasheet
917Kb / 13P
   Cellular 850/900/1800/1900 & UMTS/WCDMA(3G) 2100 MHz 80mm*30mm PCB Antenna
logo
Taoglas antenna solutio...
PC29090100A TAOGLAS-PC29090100A Datasheet
941Kb / 11P
   TheStripe Penta-band Cellular 850 / 900 / 1800 / 1900 UMTS / WCDMA (3G) 2100 MHz PCB Antenna
More results


Similar Description - PC2905AT-T1

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2400A NEC-UPC2400A Datasheet
103Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC29L00 NEC-UPC29L00 Datasheet
86Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
95Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC29M00 NEC-UPC29M00 Datasheet
128Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Sipex Corporation
SPX116 SIPEX-SPX116 Datasheet
669Kb / 6P
   Low Dropout Voltage Three Terminal Regulator
logo
NEC
UPC24A00 NEC-UPC24A00 Datasheet
69Kb / 7P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
logo
Toshiba Semiconductor
TA48M025F TOSHIBA-TA48M025F_07 Datasheet
350Kb / 12P
   Three-Terminal Low Dropout Voltage Regulator
TA78DL05AS TOSHIBA-TA78DL05AS Datasheet
182Kb / 9P
   Three-Terminal Low Dropout Voltage Regulator
logo
NEC
UPC24M00A NEC-UPC24M00A Datasheet
99Kb / 14P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
UPC2900 NEC-UPC2900 Datasheet
93Kb / 20P
   THREE TERMINAL LOW DROPOUT VOLTAGE REGULATOR
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com