Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTN3341 Datasheet (PDF) - NXP Semiconductors

PTN3341 Datasheet PDF - NXP Semiconductors
Part # PTN3341
Download  PTN3341 Download

File Size   256.1 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High speed differential line driver

PTN3341 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTN3341 Datasheet PDF - NXP Semiconductors

Part # PTN3341
Download  PTN3341 Click to download

File Size   256.1 Kbytes
Page   14 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High speed differential line driver

PTN3341 Datasheet (HTML) - NXP Semiconductors

Back Button PTN3341 Datasheet HTML 1Page - NXP Semiconductors PTN3341 Datasheet HTML 2Page - NXP Semiconductors PTN3341 Datasheet HTML 3Page - NXP Semiconductors PTN3341 Datasheet HTML 4Page - NXP Semiconductors PTN3341 Datasheet HTML 5Page - NXP Semiconductors PTN3341 Datasheet HTML 6Page - NXP Semiconductors PTN3341 Datasheet HTML 7Page - NXP Semiconductors PTN3341 Datasheet HTML 8Page - NXP Semiconductors PTN3341 Datasheet HTML 9Page - NXP Semiconductors PTN3341 Datasheet HTML 10Page - NXP Semiconductors Next Button 

PTN3341 Product details

Description
The PTN3341 is a differential line driver that implements the electrical characteristics of Low-Voltage Differential Signaling (LVDS) that meets or exceeds the requirements of the ANSI TIA/EIA-644 Standard. LVDS is used to achieve higher data rates on commonly used media. LVDS overcomes the limitations of achievable slew rates and EMI restrictions of previous differential signaling techniques. The PTN3341 operates at 3.3 volt supply levels and current mode output drivers. The output drivers will deliver a minimum of 250 mV into a 50 Ω load when enabled.

Features
■ Meets or exceeds the requirements of ANSI TIA/EIA-644 Standard
■ Low-Voltage Differential Signaling with output voltage of 350 mV across a 50 Ω load or 700 mV across a 100 Ω load
■ 200 ps maximum channel-to-channel output skew
■ 600 ps typical output voltage rise and fall times
■ Driver at high impedance when disabled or with VCC = 0 V
■ 5 volt tolerant inputs with Low Voltage TTL (LVTTL) logic input levels
■ Pin-compatible with AM26LS31, SN65LVDS31, SN65LVDM31 and PTN3331.

Applications
■ Low voltage, low EMI, high speed differential signaling
■ Point-to-point high speed data transmission
■ High performance switches and routers.




Similar Part No. - PTN3341

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3342 PHILIPS-PTN3342 Datasheet
91Kb / 16P
   High speed differential line receiver
Rev. 01-05 January 2004
PTN3342D PHILIPS-PTN3342D Datasheet
91Kb / 16P
   High speed differential line receiver
Rev. 01-05 January 2004
PTN3342DH PHILIPS-PTN3342DH Datasheet
91Kb / 16P
   High speed differential line receiver
Rev. 01-05 January 2004
More results


Similar Description - PTN3341

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDM31 TI-SN65LVDM31 Datasheet
103Kb / 7P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI-SN65LVDM31_06 Datasheet
130Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN55LVDS31-SP TI1-SN55LVDS31-SP Datasheet
229Kb / 13P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS31-EP TI1-SN65LVDS31-EP Datasheet
203Kb / 13P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDM31 TI1-SN65LVDM31_08 Datasheet
133Kb / 8P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
logo
NXP Semiconductors
PTN3331 PHILIPS-PTN3331 Datasheet
228Kb / 14P
   High speed differential line driver
Rev. 01-06 August 2002
logo
Texas Instruments
SN65LVDS31-EP TI1-SN65LVDS31-EP_15 Datasheet
231Kb / 15P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER
UA9638C TI-UA9638C Datasheet
78Kb / 5P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
SN65LVDS1_091 TI-SN65LVDS1_091 Datasheet
522Kb / 22P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVER/RECEIVERS
UA9638C-EP TI1-UA9638C-EP Datasheet
517Kb / 10P
[Old version datasheet]   DUAL HIGH-SPEED DIFFERENTIAL LINE DRIVER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com