Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A29L040A Datasheet (PDF) - AMIC Technology

A29L040A Datasheet PDF - AMIC Technology
Part # A29L040A
Download  A29L040A Download

File Size   405.35 Kbytes
Page   30 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory

A29L040A Datasheet (PDF)

Go To PDF Page Download Datasheet
A29L040A Datasheet PDF - AMIC Technology

Part # A29L040A
Download  A29L040A Click to download

File Size   405.35 Kbytes
Page   30 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory

A29L040A Datasheet (HTML) - AMIC Technology

Back Button A29L040A Datasheet HTML 1Page - AMIC Technology A29L040A Datasheet HTML 2Page - AMIC Technology A29L040A Datasheet HTML 3Page - AMIC Technology A29L040A Datasheet HTML 4Page - AMIC Technology A29L040A Datasheet HTML 5Page - AMIC Technology A29L040A Datasheet HTML 6Page - AMIC Technology A29L040A Datasheet HTML 7Page - AMIC Technology A29L040A Datasheet HTML 8Page - AMIC Technology A29L040A Datasheet HTML 9Page - AMIC Technology A29L040A Datasheet HTML 10Page - AMIC Technology Next Button 

A29L040A Product details

General Description
The A29L040A is a 3.0 volt-only Flash memory organized as 524,288 bytes of 8 bits each. The 512 Kbytes of data are further divided into eight sectors of 64 Kbytes each for flexible sector erase capability. The 8 bits of data appear on I/O0 - I/O7 while the addresses are input on A0 to A18. The A29L040A is offered in 32-pin PLCC, TSOP (8mm x 20mm) or sTSOP (8mm x 13.4mm) packages. This device is designed to be programmed in-system with the standard system 3.0 volt VCC supply. Additional 12.0 volt VPP is not required for in-system write or erase operations. However, the A29L040A can also be programmed in standard EPROM programmers.

Features
■ Single power supply operation
    - Full voltage range: 2.7 to 3.6 volt read and write operations for battery-powered applications
    - Regulated voltage range: 3.0 to 3.6 volt read and write operations for compatibility with high performance 3.3 volt microprocessors
■ Access times: - 70 (max.)
■ Current:
    - 4 mA typical active read current
    - 20 mA typical program/erase current
    - 200 nA typical CMOS standby
    - 200 nA Automatic Sleep Mode current
■ Flexible sector architecture
    - 8 uniform sectors of 64 Kbyte each
    - Any combination of sectors can be erased
    - Supports full chip erase
    - Sector protection: A hardware method of protecting sectors to prevent any inadvertent program or erase operations within that sector
■ Embedded Erase Algorithms
    - Embedded Erase algorithm will automatically erase the entire chip or any combination of designated sectors and verify the erased sectors
    - Embedded Program algorithm automatically writes and verifies bytes at specified addresses
■ Typical 100,000 program/erase cycles per sector
■ 20-year data retention at 125°C
    - Reliable operation for the life of the system
■ Compatible with JEDEC-standards
    - Pinout and software compatible with single-powersupply Flash memory standard
    - Superior inadvertent write protection
■ Data Polling and toggle bits
    - Provides a software method of detecting completion of program or erase operations
■ Erase Suspend/Erase Resume
    - Suspends a sector erase operation to read data from, or program data to, a non-erasing sector, then resumes the erase operation
■ Package options
    - 32-pin DIP, PLCC, TSOP (8mm x 20mm), sTSOP (8mm x 13.4mm), sTSOP (8mm x 14mm).




Similar Part No. - A29L040A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L040A AMICC-A29L040A_15 Datasheet
330Kb / 29P
   Uniform Sector Flash Memory
More results


Similar Description - A29L040A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A29L040 AMICC-A29L040 Datasheet
303Kb / 32P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
A29L040 AMICC-A29L040_11 Datasheet
350Kb / 30P
   512K X 8 Bit CMOS 3.0 Volt-only, Uniform Sector Flash Memory
logo
Eon Silicon Solution In...
EN29LV040A EON-EN29LV040A_11 Datasheet
262Kb / 33P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
EN29LV040A EON-EN29LV040A Datasheet
257Kb / 35P
   4 Megabit (512K x 8-bit ) Uniform Sector, CMOS 3.0 Volt-only Flash Memory
logo
AMIC Technology
A29040B AMICC-A29040B Datasheet
392Kb / 29P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040D AMICC-A29040D Datasheet
392Kb / 29P
   512K X 8 Bit CMOS 5.0 Volt-only,Uniform Sector Flash Memory
A29040A AMICC-A29040A Datasheet
285Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29040 AMICC-A29040 Datasheet
288Kb / 30P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector Flash Memory
A29L004 AMICC-A29L004 Datasheet
370Kb / 39P
   512K X 8 Bit CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Alliance Semiconductor ...
AS29CF040-55CCIN ALSC-AS29CF040-55CCIN Datasheet
713Kb / 27P
   512K X 8 Bit CMOS 5.0 Volt-only, Uniform Sector - Parallel Flash Memory
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com