Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A63L73361E-8F Datasheet (PDF) - AMIC Technology

A63L73361E-8F Datasheet PDF - AMIC Technology
Part # A63L73361E-8F
Download  A63L73361E-8F Download

File Size   262.82 Kbytes
Page   16 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output

A63L73361E-8F Datasheet (PDF)

Go To PDF Page Download Datasheet
A63L73361E-8F Datasheet PDF - AMIC Technology

Part # A63L73361E-8F
Download  A63L73361E-8F Click to download

File Size   262.82 Kbytes
Page   16 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output

A63L73361E-8F Datasheet (HTML) - AMIC Technology

Back Button A63L73361E-8F Datasheet HTML 1Page - AMIC Technology A63L73361E-8F Datasheet HTML 2Page - AMIC Technology A63L73361E-8F Datasheet HTML 3Page - AMIC Technology A63L73361E-8F Datasheet HTML 4Page - AMIC Technology A63L73361E-8F Datasheet HTML 5Page - AMIC Technology A63L73361E-8F Datasheet HTML 6Page - AMIC Technology A63L73361E-8F Datasheet HTML 7Page - AMIC Technology A63L73361E-8F Datasheet HTML 8Page - AMIC Technology A63L73361E-8F Datasheet HTML 9Page - AMIC Technology A63L73361E-8F Datasheet HTML 10Page - AMIC Technology Next Button 

A63L73361E-8F Product details

General Description
The A63L73361 is a high-speed SRAM containing 4.5M bits of bit synchronous memory, organized as 128K words by 36 bits.
The A63L73361 combines advanced synchronous peripheral circuitry, 2-bit burst control, input registers, output buffer and a 128K X 36 SRAM core to provide a wide range of data RAM applications.

Features
■ Fast access times: 6.5/7.5/8.0 ns(153/133/117 MHz)
■ Single 3.3V±5% power supply
■ Synchronous burst function
■ Individual Byte Write control and Global Write
■ Three separate chip enables allow wide range of options for CE control, address pipelining
■ Selectable BURST mode
■ SLEEP mode (ZZ pin) provided
■ Available in 100-pin LQFP package
■ Industrial operating temperature range: -45°C to +125°C for -I series




Similar Part No. - A63L73361E-8F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A63L7336 AMICC-A63L7336 Datasheet
257Kb / 17P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L7336E AMICC-A63L7336E Datasheet
257Kb / 17P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L7336E-2.6 AMICC-A63L7336E-2.6 Datasheet
257Kb / 17P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L7336E-2.6F AMICC-A63L7336E-2.6F Datasheet
257Kb / 17P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L7336E-2.8 AMICC-A63L7336E-2.8 Datasheet
257Kb / 17P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
More results


Similar Description - A63L73361E-8F

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A63P73361 AMICC-A63P73361 Datasheet
262Kb / 16P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L73321 AMICC-A63L73321 Datasheet
186Kb / 17P
   128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L83361 AMICC-A63L83361 Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63P83361 AMICC-A63P83361 Datasheet
262Kb / 16P
   256K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63P06361 AMICC-A63P06361 Datasheet
279Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L06361 AMICC-A63L06361 Datasheet
263Kb / 16P
   1M X 36 Bit Synchronous High Speed SRAM with Burst Counter and Flow-through Data Output
A63L7336 AMICC-A63L7336 Datasheet
257Kb / 17P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63P7336 AMICC-A63P7336 Datasheet
257Kb / 17P
   128K X 36 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63L7332 AMICC-A63L7332 Datasheet
381Kb / 17P
   128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
A63G7332 AMICC-A63G7332 Datasheet
382Kb / 17P
   128K X 32 Bit Synchronous High Speed SRAM with Burst Counter and Pipelined Data Output
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com