Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFECP10E-5Q208I Datasheet (PDF) - Lattice Semiconductor

LFECP10E-5Q208I Datasheet PDF - Lattice Semiconductor
Part # LFECP10E-5Q208I
Download  LFECP10E-5Q208I Download

File Size   557.69 Kbytes
Page   117 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description LatticeECP/EC Family Data Sheet

LFECP10E-5Q208I Datasheet (PDF)

Go To PDF Page Download Datasheet
LFECP10E-5Q208I Datasheet PDF - Lattice Semiconductor

Part # LFECP10E-5Q208I
Download  LFECP10E-5Q208I Click to download

File Size   557.69 Kbytes
Page   117 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description LatticeECP/EC Family Data Sheet

LFECP10E-5Q208I Datasheet (HTML) - Lattice Semiconductor

Back Button LFECP10E-5Q208I Datasheet HTML 1Page - Lattice Semiconductor LFECP10E-5Q208I Datasheet HTML 2Page - Lattice Semiconductor LFECP10E-5Q208I Datasheet HTML 3Page - Lattice Semiconductor LFECP10E-5Q208I Datasheet HTML 4Page - Lattice Semiconductor LFECP10E-5Q208I Datasheet HTML 5Page - Lattice Semiconductor LFECP10E-5Q208I Datasheet HTML 6Page - Lattice Semiconductor LFECP10E-5Q208I Datasheet HTML 7Page - Lattice Semiconductor LFECP10E-5Q208I Datasheet HTML 8Page - Lattice Semiconductor LFECP10E-5Q208I Datasheet HTML 9Page - Lattice Semiconductor LFECP10E-5Q208I Datasheet HTML 10Page - Lattice Semiconductor Next Button 

LFECP10E-5Q208I Product details

Introduction
The LatticeECP/EC family of FPGA devices has been optimized to deliver mainstream FPGA features at low cost. For maximum performance and value, the LatticeECP (EConomy Plus) FPGA concept combines an efficient FPGA fabric with high-speed dedicated functions. Lattice’s first family to implement this approach is the LatticeECP-DSP (EConomy Plus DSP) family, providing dedicated high-performance DSP blocks on-chip. The LatticeEC™ (EConomy) family supports all the general purpose features of LatticeECP devices without dedicated function blocks to achieve lower cost solutions.

Features
■ Extensive Density and Package Options
   • 1.5K to 41K LUT4s
   • 65 to 576 I/Os
   • Density migration supported
■ sysDSP™ Block (LatticeECP™ Versions)
   • High performance multiply and accumulate
   • 4 to 10 blocks
      − 4 to 10 36x36 multipliers or
      – 16 to 40 18x18 multipliers or
      − 32 to 80 9x9 multipliers
■ Embedded and Distributed Memory
   • 18 Kbits to 645 Kbits sysMEM™ Embedded Block RAM (EBR)
   • Up to 163 Kbits distributed RAM
   • Flexible memory resources:
      − Distributed and block memory
■ Flexible I/O Buffer
   • Programmable sysIO™ buffer supports wide range of interfaces:
      − LVCMOS 3.3/2.5/1.8/1.5/1.2
      − LVTTL
      − SSTL 3/2 Class I, II, SSTL18 Class I
      − HSTL 18 Class I, II, III, HSTL15 Class I, III
      − PCI
      − LVDS, Bus-LVDS, LVPECL, RSDS
■ Dedicated DDR Memory Support
   • Implements interface up to DDR400 (200MHz)
■ sysCLOCK™ PLLs
   • Up to 4 analog PLLs per device
   • Clock multiply, divide and phase shifting
■ System Level Support
   • IEEE Standard 1149.1 Boundary Scan, plus ispTRACY™ internal logic analyzer capability
   • SPI boot flash interface
   • 1.2V power supply
■ Low Cost FPGA
   • Features optimized for mainstream applications
   • Low cost TQFP and PQFP packaging




Similar Part No. - LFECP10E-5Q208I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LFECP10E-5Q208I LATTICE-LFECP10E-5Q208I Datasheet
1Mb / 163P
   LatticeECP/EC Family Data Sheet
More results


Similar Description - LFECP10E-5Q208I

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
LFEC LATTICE-LFEC_05 Datasheet
1Mb / 163P
   LatticeECP/EC Family Data Sheet
logo
List of Unclassifed Man...
812012 ETC-812012 Datasheet
46Kb / 3P
   EC Safety Data Sheet
D6X39B182 ETC2-D6X39B182 Datasheet
920Kb / 6P
   SAFETY DATA SHEET ACCORDING TO (EC)
logo
Lattice Semiconductor
MACHXO LATTICE-MACHXO Datasheet
942Kb / 95P
   MachXO Family Data Sheet
logo
Microchip Technology
PIC24FJ192GA110-I MICROCHIP-PIC24FJ192GA110-I Datasheet
2Mb / 330P
   PIC24FJ256GA110 Family Data Sheet
08/04/10
logo
Lattice Semiconductor
LCMXO2-7000HC-6TG144C LATTICE-LCMXO2-7000HC-6TG144C Datasheet
5Mb / 122P
   MachXO2 Family Data Sheet
2010-2022
DS1035 LATTICE-DS1035 Datasheet
7Mb / 106P
   MachXO2??Family Data Sheet
logo
Freescale Semiconductor...
MC68711E20CFNE2 FREESCALE-MC68711E20CFNE2 Datasheet
1Mb / 242P
   M68HC11E Family Data Sheet
logo
Lattice Semiconductor
XP2 LATTICE-XP2 Datasheet
1Mb / 92P
   LatticeXP2 Family Data Sheet
logo
Cree, Inc
XLAMPMCE CREE-XLAMPMCE Datasheet
1Mb / 14P
   Product family data sheet
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com