Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5082-5557-EA000 Datasheet (PDF) - Agilent(Hewlett-Packard)

5082-5557-EA000 Datasheet PDF - Agilent(Hewlett-Packard)
Part # 5082-5557-EA000
Download  5082-5557-EA000 Download

File Size   340.72 Kbytes
Page   20 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Low Current Seven Segment Displays

5082-5557-EA000 Datasheet (PDF)

Go To PDF Page Download Datasheet
5082-5557-EA000 Datasheet PDF - Agilent(Hewlett-Packard)

Part # 5082-5557-EA000
Download  5082-5557-EA000 Click to download

File Size   340.72 Kbytes
Page   20 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Low Current Seven Segment Displays

5082-5557-EA000 Datasheet (HTML) - Agilent(Hewlett-Packard)

Back Button 5082-5557-EA000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) 5082-5557-EA000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) 5082-5557-EA000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) 5082-5557-EA000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) 5082-5557-EA000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) 5082-5557-EA000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) 5082-5557-EA000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) 5082-5557-EA000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) 5082-5557-EA000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) 5082-5557-EA000 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button 

5082-5557-EA000 Product details

Description
These low current seven segment displays are designed for applications requiring low power consumption. They are tested and selected for their excellent low current characteristics to ensure that the segments are matched at low currents. Drive currents as low as 1 mA per segment are available.

Features
• Low Power Consumption
• Industry Standard Size
• Industry Standard Pinout
• Choice of Character Size
    7.6 mm (0.30 in), 10 mm (0.40 in), 10.9 mm (0.43 in), 14.2 mm (0.56 in), 20 mm (0.80 in)
• Choice of Colors
    AlGaAs Red, High Efficiency Red (HER), Yellow, Green
• Excellent Appearance
    Evenly Lighted Segments ±50° Viewing Angle
• Design Flexibility
    Common Anode or Common Cathode
    Single and Dual Digit
    Left and Right Hand Decimal Points
    ±1. Overflow Character
• Categorized for Luminous Intensity
    Yellow and Green Categorized for Color
    Use of Like Categories Yields a Uniform Display
• Excellent for Long Digit String Multiplexing




Similar Part No. - 5082-5557-EA000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
5082-5501-00000 HP-5082-5501-00000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-5501-0E000 HP-5082-5501-0E000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-5501-0F000 HP-5082-5501-0F000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-5501-0G000 HP-5082-5501-0G000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
5082-5501-0H000 HP-5082-5501-0H000 Datasheet
289Kb / 11P
   14.2 mm (0.56 inch) Seven Segment Displays
More results


Similar Description - 5082-5557-EA000

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-335X AVAGO-HDSP-335X Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-H103 AVAGO-HDSP-H103 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-335B AVAGO-HDSP-335B Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP HP-HDSP Datasheet
341Kb / 20P
   Low Current Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-K123 AVAGO-HDSP-K123 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP-5553 AVAGO-HDSP-5553 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP AVAGO-HDSP Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP-F101 AVAGO-HDSP-F101 Datasheet
1Mb / 18P
   Low Current Seven Segment Displays
HDSP-7513 AVAGO-HDSP-7513 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
HDSP-E103 AVAGO-HDSP-E103 Datasheet
430Kb / 20P
   Low Current Seven Segment Displays
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com