Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVN013S-T Datasheet (PDF) - International Rectifier

PVN013S-T Datasheet PDF - International Rectifier
Part # PVN013S-T
Download  PVN013S-T Download

File Size   121.72 Kbytes
Page   5 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET POWER MOSFET PHOTOVOLTAIC RELAY

PVN013S-T Datasheet (PDF)

Go To PDF Page Download Datasheet
PVN013S-T Datasheet PDF - International Rectifier

Part # PVN013S-T
Download  PVN013S-T Click to download

File Size   121.72 Kbytes
Page   5 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description HEXFET POWER MOSFET PHOTOVOLTAIC RELAY

PVN013S-T Datasheet (HTML) - International Rectifier

PVN013S-T Datasheet HTML 1Page - International Rectifier PVN013S-T Datasheet HTML 2Page - International Rectifier PVN013S-T Datasheet HTML 3Page - International Rectifier PVN013S-T Datasheet HTML 4Page - International Rectifier PVN013S-T Datasheet HTML 5Page - International Rectifier

PVN013S-T Product details

General Description

The PVN013 Series Photovoltaic Relay at 100 milliohms features the lowest possible on-state resistance in a miniature package — lower than a comparable reed relay.

The PVN013 is a single-pole, normally open solid state relay. It utilizes a GenerationV HEXFET output switch, driven by an integrated circuit photovoltaic generator of novel construction. The output switch is controlled by radiation from a GaAlAs light emitting diode (LED) which is optically isolated from the photovoltaic generator.

These units exceed the performance capabilities of electromechanical relays in life, sensitivity, stable on-resistance, low off-state leakage, miniaturization, magnetic insensitivity and ruggedness. They are ideally suited for switching high currents or low level signals without distortion or injection of electrical noise.



Features

! 100mΩ On-Resistance

! Extremely low off-state leakage

! Bounce-free operation

! 2.5 - 4.5 Amp capacity

! Linear AC/DC operation

! 4,000 V RMS I/O isolation

! Solid-State reliability

! UL recognized

! ESD Tolerance:

   4000V Human Body Model

   500V Machine Model



Applications

! Portable Electronics

! Industrial Control

! Computers and Peripheral Devices

! Audio Equipment

! Power Supplies and Power Distribution

! Instrumentation



 




Similar Part No. - PVN013S-T

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVN013S-TPBF IRF-PVN013S-TPBF Datasheet
1Mb / 5P
   HEXFET짰 Power MOSFET Photovoltaic Relay HEXFET짰 Power MOSFET Photovoltaic Relay
More results


Similar Description - PVN013S-T

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVAZ172NS IRF-PVAZ172NS Datasheet
602Kb / 5P
   HEXFET Power MOSFET Photovoltaic Relay
65336 IRF-65336 Datasheet
254Kb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay
PVN013PBF IRF-PVN013PBF Datasheet
1Mb / 5P
   HEXFET짰 Power MOSFET Photovoltaic Relay HEXFET짰 Power MOSFET Photovoltaic Relay
PVT212 IRF-PVT212 Datasheet
94Kb / 5P
   Power MOSFET Photovoltaic Relay
PVT322A IRF-PVT322A_08 Datasheet
1Mb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual Pole, Normally Open
PVT422PBF IRF-PVT422PBF_08 Datasheet
1Mb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual Pole, Normally Open
PVN012APBF IRF-PVN012APBF_07 Datasheet
298Kb / 5P
   HEXFET짰 Power MOSFET Photovoltaic Relay
PVT312LS-T IRF-PVT312LS-T Datasheet
118Kb / 5P
   Microelectronic Power IC Power MOSFET Photovoltaic Relay
PVT312PBF IRF-PVT312PBF Datasheet
1Mb / 5P
   HEXFET Power MOSFET Photovoltaic Relay, Single Pole, Normally Open, 0-250V, 190mA AC/DC
PVDZ172N IRF-PVDZ172N_06 Datasheet
105Kb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-60V DC, 1.5A
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com