Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PRME15005 Datasheet (PDF) - List of Unclassifed Manufacturers

PRME15005 Datasheet PDF - List of Unclassifed Manufacturers
Part # PRME15005
Download  PRME15005 Download

File Size   688.08 Kbytes
Page   9 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description DIP 14 SERIES REED RELAYS

PRME15005 Datasheet (PDF)

Go To PDF Page Download Datasheet
PRME15005 Datasheet PDF - List of Unclassifed Manufacturers

Part # PRME15005
Download  PRME15005 Click to download

File Size   688.08 Kbytes
Page   9 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description DIP 14 SERIES REED RELAYS

PRME15005 Datasheet (HTML) - List of Unclassifed Manufacturers

PRME15005 Datasheet HTML 1Page - List of Unclassifed Manufacturers PRME15005 Datasheet HTML 2Page - List of Unclassifed Manufacturers PRME15005 Datasheet HTML 3Page - List of Unclassifed Manufacturers PRME15005 Datasheet HTML 4Page - List of Unclassifed Manufacturers PRME15005 Datasheet HTML 5Page - List of Unclassifed Manufacturers PRME15005 Datasheet HTML 6Page - List of Unclassifed Manufacturers PRME15005 Datasheet HTML 7Page - List of Unclassifed Manufacturers PRME15005 Datasheet HTML 8Page - List of Unclassifed Manufacturers PRME15005 Datasheet HTML 9Page - List of Unclassifed Manufacturers

PRME15005 Product details

[SRC DEVICES]



DESCRIPTION

SRC Device’s epoxy molded DIP 14 Series offers a variety of contacts and schematics to meet the needs of a wide range of applications. It features the MVS2/MVS7 models designed for high reliability. The MSS2/7 DIPs are 1-Form-A relays equipped with the MYAD® all-position mounting switch. With switching up to 50 Watts and a 4000V isolation option, the DIP 14 Series is a relay package that allows for automatic insertion directly on PCBs as well as insertion into standard 14 Pin DIP sockets.



FEATURES

■All position mercury contacts on some models

■Stable contact resistance over life

■4000 Vac input-output isolation

■Bounce free operation

■High insulation resistance

■Switching speed of 300Hz

■Long life > 1 billion operations

■Epoxy molded for automatic board processing

■FCC68 compatible (MSS2 & MSS7)



APPLICATIONS

■Automatic test equipment

■Process control

■Industrial

■Telecom

■Datacom

■High-end security systems

■Signaling

■Metering



APPROVALS

■UL approval (DSS7 & PRMA)

■EN 60950 certified (MVS7, DSS7 & MSS7)

■CSA approval (PRMA)




Similar Part No. - PRME15005

ManufacturerPart #DatasheetDescription
logo
CUI INC
PRME1-M CUI-PRME1-M Datasheet
1Mb / 6P
   DC-DC CONVERTER
09/13/2021
PRME1-S12-S12-M CUI-PRME1-S12-S12-M Datasheet
1Mb / 6P
   DC-DC CONVERTER
09/13/2021
PRME1-S12-S15-M CUI-PRME1-S12-S15-M Datasheet
1Mb / 6P
   DC-DC CONVERTER
09/13/2021
PRME1-S12-S5-M CUI-PRME1-S12-S5-M Datasheet
1Mb / 6P
   DC-DC CONVERTER
09/13/2021
PRME1-S15-S5-M3 CUI-PRME1-S15-S5-M3 Datasheet
1Mb / 6P
   DC-DC CONVERTER
09/13/2021
More results


Similar Description - PRME15005

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
DIP12-1A75-12D MEDER-DIP12-1A75-12D Datasheet
92Kb / 1P
   DIP Reed Relays
DIP12-2A72-21M MEDER-DIP12-2A72-21M Datasheet
114Kb / 1P
   DIP Reed Relays
DIP24-1A75-12L MEDER-DIP24-1A75-12L Datasheet
92Kb / 1P
   DIP Reed Relays
DIP12-1A31-12D MEDER-DIP12-1A31-12D Datasheet
92Kb / 1P
   DIP Reed Relays
DIP24-1A72-12L MEDER-DIP24-1A72-12L Datasheet
112Kb / 1P
   DIP Reed Relays
DIP24-1A75-12D MEDER-DIP24-1A75-12D Datasheet
92Kb / 1P
   DIP Reed Relays
DIP05-2A72-21R MEDER-DIP05-2A72-21R Datasheet
93Kb / 1P
   DIP Reed Relays
logo
RHOPOINT COMPONENTS
8001 RHOPOINT-8001 Datasheet
66Kb / 2P
   DIP Reed Relays
logo
Meder Electronic
DIP12-1A75-12L MEDER-DIP12-1A75-12L Datasheet
92Kb / 1P
   DIP Reed Relays
DIP05-1C90-51Q MEDER-DIP05-1C90-51Q Datasheet
92Kb / 1P
   DIP Reed Relays
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com