Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC933 Datasheet (PDF) - Sharp Corporation

PC933 Datasheet PDF - Sharp Corporation
Part # PC933
Download  PC933 Download

File Size   82.0 Kbytes
Page   6 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Digital Output, High Sensitivity Type OPIC Photocoupler

PC933 Datasheet (PDF)

Go To PDF Page Download Datasheet
PC933 Datasheet PDF - Sharp Corporation

Part # PC933
Download  PC933 Click to download

File Size   82.0 Kbytes
Page   6 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Digital Output, High Sensitivity Type OPIC Photocoupler

PC933 Datasheet (HTML) - Sharp Corporation

PC933 Datasheet HTML 1Page - Sharp Corporation PC933 Datasheet HTML 2Page - Sharp Corporation PC933 Datasheet HTML 3Page - Sharp Corporation PC933 Datasheet HTML 4Page - Sharp Corporation PC933 Datasheet HTML 5Page - Sharp Corporation PC933 Datasheet HTML 6Page - Sharp Corporation

PC933 Product details

■ Features
1. High sensitivity
   ( IFLH , I FHL : MAX. 1mA )
2. TTL and LSTTL compatible output
3. Operating supply voltage range
   ( VCC : 4.5 to 15V, PC930/PC931/PC932/PC933 )
4. Various output forms
   ( Open collector output, pull-up resistor
   built-in type, totem pole output )
5. Low output current dissipation
   ( ICCL : MAX. 3.8mA )
6. High isolation voltage between input and
   output ( Viso : 5 000V rms )
7. Recognized by UL, file No. E64380

■ Applications
1. Computer terminals
2. High speed line receivers
3. Interfaces with various data transmission equipment




Similar Part No. - PC933

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PC93-20-5-2 ETC2-PC93-20-5-2 Datasheet
615Kb / 1P
   Non-Silicone Thermal Conductive Pad
logo
Sharp Corporation
PC930 SHARP-PC930 Datasheet
82Kb / 6P
   Digital Output, High Sensitivity Type OPIC Photocoupler
More results


Similar Description - PC933

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC930 SHARP-PC930 Datasheet
82Kb / 6P
   Digital Output, High Sensitivity Type OPIC Photocoupler
PC901V0NSZX SHARP-PC901V0NSZX Datasheet
71Kb / 6P
   Digital Output Type OPIC Photocoupler
PC900VQ SHARP-PC900VQ Datasheet
61Kb / 4P
   Digital Output Type OPIC Photocoupler
PC901V SHARP-PC901V Datasheet
62Kb / 5P
   Digital Output Type OPIC Photocoupler
6N139 SHARP-6N139 Datasheet
68Kb / 5P
   High Sensitivity, High Speed OPIC Photocoupler
6N138 SHARP-6N138 Datasheet
67Kb / 5P
   High Sensitivity, High Speed OPIC Photocoupler
PC942 SHARP-PC942 Datasheet
96Kb / 8P
   High Power Output Type OPIC Photocoupler
PC716V SHARP-PC716V Datasheet
62Kb / 4P
   High Sensitivity, High Output Type Photocoupler
GP1A08 SHARP-GP1A08 Datasheet
121Kb / 4P
   HIGH SENSITIVITY TYPE OPIC PHOTOINTERRUPTER
GP1A18 SHARP-GP1A18 Datasheet
125Kb / 4P
   HIGH SENSITIVITY TYPE OPIC PHOTOINTERRUPTER
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com