Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-701G-IJ200 Datasheet (PDF) - Agilent(Hewlett-Packard)

HDSP-701G-IJ200 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HDSP-701G-IJ200
Download  HDSP-701G-IJ200 Download

File Size   81.48 Kbytes
Page   7 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix

HDSP-701G-IJ200 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDSP-701G-IJ200 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HDSP-701G-IJ200
Download  HDSP-701G-IJ200 Click to download

File Size   81.48 Kbytes
Page   7 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix

HDSP-701G-IJ200 Datasheet (HTML) - Agilent(Hewlett-Packard)

HDSP-701G-IJ200 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-701G-IJ200 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-701G-IJ200 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-701G-IJ200 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-701G-IJ200 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-701G-IJ200 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-701G-IJ200 Datasheet HTML 7Page - Agilent(Hewlett-Packard)

HDSP-701G-IJ200 Product details

Description

These displays have a 17.3 mm (0.68 inch) character height and use industry standard size and pin-out. The devices are available in either common row anode or common row cathode configurations. The displays come in either gray or black face paint and are available in a choice of high efficiency red (HER) or green colors or AlGaAs.



Features

• 5 x 7 Dot Matrix Font

• Viewable up to 12 Meters

• X-Y Stackable

• Industry Standard Pin-out 7.6 mm (0.3 in.) Dual-in-line (DIP) Leads on 2.54 mm (0.1 in.) Centers

• Choice of Colors Red or Green or AlGaAs

• Choice of Face Paint Colors Gray or Black

• Design Flexibility Common Row Anode or Common Row Cathode

• Categorized for Luminous Intensity

• Green Categorized for Color




Similar Part No. - HDSP-701G-IJ200

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-701G AVAGO-HDSP-701G Datasheet
166Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
More results


Similar Description - HDSP-701G-IJ200

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HDSP-7XXX BOARDCOM-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-70XE AVAGO-HDSP-70XE Datasheet
166Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
Broadcom Corporation.
HDSP-70XE BOARDCOM-HDSP-70XE Datasheet
210Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-7XXX AVAGO-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose
HDSP-S5XE AVAGO-HDSP-S5XE Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-S51E HP-HDSP-S51E Datasheet
260Kb / 12P
   27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-H571 HP-HDSP-H571 Datasheet
86Kb / 7P
   5 x 7 General Purpose Dot Matrix Displays 53.2 mm (2.09 Inch) Package
HDSP-B571 HP-HDSP-B571 Datasheet
204Kb / 6P
   Dot Matrix Displays 5 x 7 Bi-Color General Purpose Dot Matrix Displays 53.2 mm (2.09 inch) Package
HDSP-450X HP-HDSP-450X Datasheet
93Kb / 8P
   Large 5 X 7 Dot Matrix Alphanumeric Displays 17.3/26.5 mm Character Heights
logo
Lite-On Technology Corp...
LTP-1557AKR LITEON-LTP-1557AKR Datasheet
151Kb / 5P
   1.2 inch (30.42 mm) matrix height 5 x 7 dot matrix display
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com