Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1722A-38PZTTR Datasheet (PDF) - Analog Intergrations Corporation

AIC1722A-38PZTTR Datasheet PDF - Analog Intergrations Corporation
Part # AIC1722A-38PZTTR
Download  AIC1722A-38PZTTR Download

File Size   417.96 Kbytes
Page   9 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 300mA Low Dropout Linear Regulator

AIC1722A-38PZTTR Datasheet (PDF)

Go To PDF Page Download Datasheet
AIC1722A-38PZTTR Datasheet PDF - Analog Intergrations Corporation

Part # AIC1722A-38PZTTR
Download  AIC1722A-38PZTTR Click to download

File Size   417.96 Kbytes
Page   9 Pages
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation
Description 300mA Low Dropout Linear Regulator

AIC1722A-38PZTTR Datasheet (HTML) - Analog Intergrations Corporation

AIC1722A-38PZTTR Datasheet HTML 1Page - Analog Intergrations Corporation AIC1722A-38PZTTR Datasheet HTML 2Page - Analog Intergrations Corporation AIC1722A-38PZTTR Datasheet HTML 3Page - Analog Intergrations Corporation AIC1722A-38PZTTR Datasheet HTML 4Page - Analog Intergrations Corporation AIC1722A-38PZTTR Datasheet HTML 5Page - Analog Intergrations Corporation AIC1722A-38PZTTR Datasheet HTML 6Page - Analog Intergrations Corporation AIC1722A-38PZTTR Datasheet HTML 7Page - Analog Intergrations Corporation AIC1722A-38PZTTR Datasheet HTML 8Page - Analog Intergrations Corporation AIC1722A-38PZTTR Datasheet HTML 9Page - Analog Intergrations Corporation

AIC1722A-38PZTTR Product details

DESCRIPTION
The AIC1722A is a 3-pin low dropout linear regulator. The superior characteristics of the AIC1722A include zero base current loss, very low dropout voltage, and 2% accuracy output voltage. Typical ground current remains approximately 55µA, from no load to maximum loading conditions. Dropout voltage at 300mA output current is exceptionally low. Output current limiting and thermal limiting are built in to provide maximal protection to the AIC1722A against fault conditions.

FEATURES
 Low Dropout Voltage of 470mV at 300mA Output Current (3.0V Output Version).
 Guaranteed 300mA Output Current.
 Maximum Input Voltage is 8V
 Low Ground Current at 55µA.
 2% Accuracy Output Voltage of 1.8V/ 2.0V/2.5V /2.7V/ 3.0V/ 3.3V/ 3.5V/ 3.7V/ 3.8V/ 5.0V/5.2V.
 Needs only 1µF for Stability.
 Current and Thermal Limiting.

APPLICATIONS
 Voltage Regulator for CD-ROM Drivers.
 Voltage Regulator for LAN Cards.
 Voltage Regulator for Microprocessor.
 Wireless Communication Systems.
 Battery Powered Systems.




Similar Part No. - AIC1722A-38PZTTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1722A-38XXA AIC-AIC1722A-38XXA Datasheet
250Kb / 13P
   300mA Low Dropout Linear Regulator
More results


Similar Description - AIC1722A-38PZTTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
logo
Eutech Microelectronics...
EUP7968 EUTECH-EUP7968 Datasheet
212Kb / 9P
   300mA Low Dropout Linear Regulator
More results




About Analog Intergrations Corporation


Analog Integrations Corporation (AIC) is a semiconductor company that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs). The company was founded in 1997 and is headquartered in Hsinchu, Taiwan.

AIC's product portfolio includes a wide range of analog ICs, such as voltage regulators, DC-DC converters, power management ICs, and LED drivers. These products are used in a variety of applications, including automotive, industrial, communication, and consumer electronics.

One of AIC's main areas of expertise is in the design of high-efficiency power management ICs. The company's DC-DC converters and voltage regulators are known for their high efficiency, low power consumption, and small size, making them well-suited to battery-powered applications.

In addition to its standard product offerings, AIC also offers custom design services, working closely with customers to develop ICs that meet their specific needs. The company has a strong focus on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com