Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X28C512FM-20 Datasheet (PDF) - Intersil Corporation

X28C512FM-20 Datasheet PDF - Intersil Corporation
Part # X28C512FM-20
Download  X28C512FM-20 Download

File Size   599.03 Kbytes
Page   25 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5V, Byte Alterable EEPROM

X28C512FM-20 Datasheet (PDF)

Go To PDF Page Download Datasheet
X28C512FM-20 Datasheet PDF - Intersil Corporation

Part # X28C512FM-20
Download  X28C512FM-20 Click to download

File Size   599.03 Kbytes
Page   25 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 5V, Byte Alterable EEPROM

X28C512FM-20 Datasheet (HTML) - Intersil Corporation

Back Button X28C512FM-20 Datasheet HTML 1Page - Intersil Corporation X28C512FM-20 Datasheet HTML 2Page - Intersil Corporation X28C512FM-20 Datasheet HTML 3Page - Intersil Corporation X28C512FM-20 Datasheet HTML 4Page - Intersil Corporation X28C512FM-20 Datasheet HTML 5Page - Intersil Corporation X28C512FM-20 Datasheet HTML 6Page - Intersil Corporation X28C512FM-20 Datasheet HTML 7Page - Intersil Corporation X28C512FM-20 Datasheet HTML 8Page - Intersil Corporation X28C512FM-20 Datasheet HTML 9Page - Intersil Corporation X28C512FM-20 Datasheet HTML 10Page - Intersil Corporation Next Button 

X28C512FM-20 Product details

The X28C512, X28C513 are 64K x 8 EEPROM, fabricated with Intersil’s proprietary, high performance, floating gate CMOS technology. Like all Intersil programmable nonvolatile memories, the X28C512, X28C513 are 5V only devices. The X28C512, X28C513 feature the JEDEC approved pin out for byte wide memories, compatible with industry standard EPROMS.



Features

• Access Time: 90ns

• Simple Byte and Page Write

  - Single 5V supply

    • No external high voltages or VPP control circuits

  - Self-timed

    • No erase before write

    • No complex programming algorithms

    • No overerase problem

• Low Power CMOS

   - Active: 50mA

   - Standby: 500µA

• Software Data Protection

   - Protects data against system level inadvertent writes

• High Speed Page Write Capability

• Highly Reliable Direct Write™ Cell

   - Endurance: 100,000 write cycles

   - Data retention: 100 years

   - Early end of write detection

   - DATA polling

   - Toggle bit polling

• Two PLCC and LCC Pinouts

   - X28C512

     • X28C010 EPROM pin compatible

   - X28C513

     • Compatible with lower density EEPROMs

• Pb-Free Plus Anneal Available (RoHS Compliant)



 




Similar Part No. - X28C512FM-20

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28C512FM-20 XICOR-X28C512FM-20 Datasheet
126Kb / 25P
   5 Volt, Byte Alterable E2PROM
More results


Similar Description - X28C512FM-20

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28C010 INTERSIL-X28C010_07 Datasheet
440Kb / 20P
   5V, Byte Alterable EEPROM
X28C512 INTERSIL-X28C512_06 Datasheet
465Kb / 21P
   5V, Byte Alterable EEPROM
X28HC256 INTERSIL-X28HC256_07 Datasheet
410Kb / 20P
   5V, Byte Alterable EEPROM
logo
Renesas Technology Corp
X28C512 RENESAS-X28C512 Datasheet
848Kb / 21P
   5V, Byte Alterable EEPROM
X28C010 RENESAS-X28C010 Datasheet
823Kb / 20P
   5V, Byte Alterable EEPROM
February 12, 2007
X28HC256 RENESAS-X28HC256 Datasheet
873Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC256JZ-15 INTERSIL-X28HC256JZ-15 Datasheet
502Kb / 19P
   256k, 32k x 8-Bit, 5V, Byte Alterable EEPROM
August 27, 2015
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com