Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9313ZMI Datasheet (PDF) - Intersil Corporation

X9313ZMI Datasheet PDF - Intersil Corporation
Part # X9313ZMI
Download  X9313ZMI Download

File Size   276.77 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Terminal Voltages -5V, 32 Taps

X9313ZMI Datasheet (PDF)

Go To PDF Page Download Datasheet
X9313ZMI Datasheet PDF - Intersil Corporation

Part # X9313ZMI
Download  X9313ZMI Click to download

File Size   276.77 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Terminal Voltages -5V, 32 Taps

X9313ZMI Datasheet (HTML) - Intersil Corporation

Back Button X9313ZMI Datasheet HTML 1Page - Intersil Corporation X9313ZMI Datasheet HTML 2Page - Intersil Corporation X9313ZMI Datasheet HTML 3Page - Intersil Corporation X9313ZMI Datasheet HTML 4Page - Intersil Corporation X9313ZMI Datasheet HTML 5Page - Intersil Corporation X9313ZMI Datasheet HTML 6Page - Intersil Corporation X9313ZMI Datasheet HTML 7Page - Intersil Corporation X9313ZMI Datasheet HTML 8Page - Intersil Corporation X9313ZMI Datasheet HTML 9Page - Intersil Corporation X9313ZMI Datasheet HTML 10Page - Intersil Corporation Next Button 

X9313ZMI Product details

Linear, 32 Taps, 3 Wire Interface, Terminal Voltages ± VCC

The Intersil X9313 is a digitally controlled potentiometer (XDCP). The device consists of a resistor array, wiper switches, a control section, and nonvolatile memory. The wiper position is controlled by a 3-wire interface.

Features
• Solid-state potentiometer
• 3-wire serial interface
• 32 wiper tap points
    - Wiper position stored in nonvolatile memory and recalled on power-up
• 31 resistive elements
    - Temperature compensated
    - End-to-end resistance range ±20%
    - Terminal voltages, -VCC to +VCC
• Low power CMOS
    - VCC = 3V or 5V
    - Active current, 3mA max.
    - Standby current, 500µA max.
• High reliability
    - Endurance, 100,000 data changes per bit
    - Register data retention, 100 years
• RTOTAL values = 1kΩ, 10kΩ, 50kΩ
• Packages
    - 8 Ld SOIC, 8 Ld MSOP and 8 Ld PDIP
• Pb-free available (RoHS compliant)




Similar Part No. - X9313ZMI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9313ZMI XICOR-X9313ZMI Datasheet
50Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
logo
Intersil Corporation
X9313ZMI INTERSIL-X9313ZMI Datasheet
277Kb / 12P
   Digitally Controlled Potentiometer
X9313ZMI INTERSIL-X9313ZMI Datasheet
284Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
X9313ZMI-3 INTERSIL-X9313ZMI-3 Datasheet
277Kb / 12P
   Digitally Controlled Potentiometer
X9313ZMI-3 INTERSIL-X9313ZMI-3 Datasheet
284Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
More results


Similar Description - X9313ZMI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313ZSIZT1 INTERSIL-X9313ZSIZT1 Datasheet
305Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages ± VCC
October 7, 2015
X9314 INTERSIL-X9314 Datasheet
233Kb / 9P
   Terminal Voltage -5V, 32 Taps, Log Taper
X9313UMIZ INTERSIL-X9313UMIZ Datasheet
305Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 Vcc
October 7, 2015
X9313USIZT1 INTERSIL-X9313USIZT1 Datasheet
284Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
X9511WP INTERSIL-X9511WP Datasheet
198Kb / 9P
   Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V
February 2, 2007
logo
Renesas Technology Corp
X9314 RENESAS-X9314 Datasheet
443Kb / 8P
   Terminal Voltages 짹5V, 32 Taps, Log Taper Single Digitally Controlled Potentiometer (XDCP??
X9313 RENESAS-X9313 Datasheet
579Kb / 12P
   Digitally Controlled Potentiometer (XDCP?? Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
logo
Intersil Corporation
X9C303P INTERSIL-X9C303P Datasheet
255Kb / 10P
   Terminal Voltage ±5V, 100 Taps, Log Taper
January 30, 2009
ISL95711 INTERSIL-ISL95711 Datasheet
333Kb / 12P
   Terminal Voltage 3V or 5V, 128 Taps I2C Serial Interface
ISL23711 INTERSIL-ISL23711 Datasheet
270Kb / 9P
   Terminal Voltage - 3V or - 5V, 128 Taps IC Serial Interface
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com