Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS80C31X2 Datasheet (PDF) - TEMIC Semiconductors

TS80C31X2 Datasheet PDF - TEMIC Semiconductors
Part # TS80C31X2
Download  TS80C31X2 Download

File Size   484.16 Kbytes
Page   40 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description 8-bit CMOS Microcontroller 0-60 MHz

TS80C31X2 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS80C31X2 Datasheet PDF - TEMIC Semiconductors

Part # TS80C31X2
Download  TS80C31X2 Click to download

File Size   484.16 Kbytes
Page   40 Pages
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors
Description 8-bit CMOS Microcontroller 0-60 MHz

TS80C31X2 Datasheet (HTML) - TEMIC Semiconductors

Back Button TS80C31X2 Datasheet HTML 1Page - TEMIC Semiconductors TS80C31X2 Datasheet HTML 2Page - TEMIC Semiconductors TS80C31X2 Datasheet HTML 3Page - TEMIC Semiconductors TS80C31X2 Datasheet HTML 4Page - TEMIC Semiconductors TS80C31X2 Datasheet HTML 5Page - TEMIC Semiconductors TS80C31X2 Datasheet HTML 6Page - TEMIC Semiconductors TS80C31X2 Datasheet HTML 7Page - TEMIC Semiconductors TS80C31X2 Datasheet HTML 8Page - TEMIC Semiconductors TS80C31X2 Datasheet HTML 9Page - TEMIC Semiconductors TS80C31X2 Datasheet HTML 10Page - TEMIC Semiconductors Next Button 

TS80C31X2 Product details

Description

TEMIC TS80C31X2 is high performance CMOS and ROMless versions of the 80C51 CMOS single chip 8-bit microcontroller.

The TS80C31X2 retains all features of the TEMIC TSC80C31 with 128 bytes of internal RAM, a 5-source, 4 priority level interrupt system, an on-chip oscilator and two timer/counters.



Features

● 80C31 Compatible

  • 8031 pin and instruction compatible

  • Four 8-bit I/O ports

  • Two 16-bit timer/counters

  • 128 bytes scratchpad RAM

● High-Speed Architecture

  • 40 MHz @ 5V, 30MHz @ 3V

  • X2 Speed Improvement capability (6 clocks/machine cycle)

    30 MHz @ 5V, 20 MHz @ 3V (Equivalent to

   60 MHz @ 5V, 40 MHz @ 3V)

● Dual Data Pointer

● Asynchronous port reset

● Interrupt Structure with

  • 5 Interrupt sources,

  • 4 priority level interrupt system

● Full duplex Enhanced UART

  • Framing error detection

  • Automatic address recognition

● Power Control modes

  • Idle mode

  • Power-down mode

  • Power-off Flag

● Once mode (On-chip Emulation)

● Power supply: 4.5-5.5V, 2.7-5.5V

● Temperature ranges: Commercial (0 to 70°C) and Industrial (-40 to 85°C)

● Packages: PDIL40, PLCC44, VQFP44 1.4, PQFP F1 (13.9 footprint)




Similar Part No. - TS80C31X2

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
TS80C31X2 ATMEL-TS80C31X2 Datasheet
601Kb / 42P
   8-bit CMOS Microcontroller ROMless
logo
TEMIC Semiconductors
TS80C31X2 TEMIC-TS80C31X2 Datasheet
215Kb / 24P
   Van Controller Serial Interface
logo
ATMEL Corporation
TS80C31X2 ATMEL-TS80C31X2 Datasheet
375Kb / 42P
   8-bit CMOS Microcontroller ROMless
TS80C31X2-ECAB ATMEL-TS80C31X2-ECAB Datasheet
601Kb / 42P
   8-bit CMOS Microcontroller ROMless
TS80C31X2-ECAD ATMEL-TS80C31X2-ECAD Datasheet
601Kb / 42P
   8-bit CMOS Microcontroller ROMless
More results


Similar Description - TS80C31X2

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
TS80C32X2 TEMIC-TS80C32X2 Datasheet
286Kb / 56P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C52X2 TEMIC-TS80C52X2 Datasheet
626Kb / 54P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C54X2 TEMIC-TS80C54X2 Datasheet
288Kb / 58P
   8-bit CMOS Microcontroller 0-60 MHz
TS80C51U2 TEMIC-TS80C51U2 Datasheet
316Kb / 67P
   Double UART 8-bit CMOS Microcontroller, 0-60 MHz
TSC87C51 TEMIC-TSC87C51 Datasheet
170Kb / 22P
   CMOS 0 to 25 MHz Programmable 8-bit Microcontroller
TSC87C51 TEMIC-TSC87C51 Datasheet
157Kb / 23P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
TSC87C52 TEMIC-TSC87C52 Datasheet
184Kb / 24P
   CMOS 0 to 33 MHz Programmable 8-bit Microcontroller
80C154 TEMIC-80C154 Datasheet
242Kb / 24P
   CMOS 0 to 36 MHz Single Chip 8-bit Microcontroller
80C32 TEMIC-80C32 Datasheet
229Kb / 20P
   CMOS 0 to 44 MHz Single-chip 8 Bit Microcontroller
TSC80C31 TEMIC-TSC80C31 Datasheet
205Kb / 19P
   CMOS 0 to 44 MHz Single-Chip 8 Bit Microcontroller
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com