Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMPA61810 Datasheet (PDF) - Fairchild Semiconductor

RMPA61810 Datasheet PDF - Fairchild Semiconductor
Part # RMPA61810
Download  RMPA61810 Download

File Size   550.68 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single Channel 6-18 GHz 1 Watt Power Amplifier MMIC

RMPA61810 Datasheet (PDF)

Go To PDF Page Download Datasheet
RMPA61810 Datasheet PDF - Fairchild Semiconductor

Part # RMPA61810
Download  RMPA61810 Click to download

File Size   550.68 Kbytes
Page   6 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description Single Channel 6-18 GHz 1 Watt Power Amplifier MMIC

RMPA61810 Datasheet (HTML) - Fairchild Semiconductor

RMPA61810 Datasheet HTML 1Page - Fairchild Semiconductor RMPA61810 Datasheet HTML 2Page - Fairchild Semiconductor RMPA61810 Datasheet HTML 3Page - Fairchild Semiconductor RMPA61810 Datasheet HTML 4Page - Fairchild Semiconductor RMPA61810 Datasheet HTML 5Page - Fairchild Semiconductor RMPA61810 Datasheet HTML 6Page - Fairchild Semiconductor



Similar Part No. - RMPA61810

ManufacturerPart #DatasheetDescription
logo
Raytheon Company
RMPA61800 RAYTHEON-RMPA61800 Datasheet
386Kb / 7P
   Dual Channel 6-18 GHz 2 Watt Power Amplifier MMIC
More results


Similar Description - RMPA61810

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EMP216 EXCELICS-EMP216 Datasheet
260Kb / 5P
   6 - 18 GHz 2 Watt Power Amplifier MMIC
logo
Raytheon Company
RMPA61800 RAYTHEON-RMPA61800 Datasheet
386Kb / 7P
   Dual Channel 6-18 GHz 2 Watt Power Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC-APH478 HITTITE-HMC-APH478 Datasheet
207Kb / 6P
   GaAs HEMT MMIC 1 WATT POWER AMPLIFIER, 18 - 20 GHz
HMC637 HITTITE-HMC637 Datasheet
609Kb / 8P
   GaAs MESFET MMIC 1 WATT POWER AMPLIFIER, DC - 6 GHz
HMC637LP5 HITTITE-HMC637LP5 Datasheet
931Kb / 8P
   GaAs MESFET MMIC 1 WATT POWER AMPLIFIER, DC - 6 GHz
HMC590 HITTITE-HMC590_09 Datasheet
289Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6 - 10 GHz
logo
TriQuint Semiconductor
TGA2501-GSG TRIQUINT-TGA2501-GSG Datasheet
380Kb / 11P
   2.8 Watt 6-18 GHz Power Amplifier
logo
Fairchild Semiconductor
RMPA29000 FAIRCHILD-RMPA29000 Datasheet
293Kb / 10P
   27-30 GHZ 1 Watt Power Amplifier MMIC
RMPA39100 FAIRCHILD-RMPA39100 Datasheet
473Kb / 10P
   37-40 GHz 1 Watt Power Amplifier MMIC
logo
Tyco Electronics
MAAPSM0008 MACOM-MAAPSM0008 Datasheet
220Kb / 6P
   1-Watt Power Amplifier 5 - 6 GHz
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com