Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP0503BAHT Datasheet (PDF) - Littelfuse

SP0503BAHT Datasheet PDF - Littelfuse
Part # SP0503BAHT
Download  SP0503BAHT Download

File Size   125.0 Kbytes
Page   8 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description TVS Diode Arrays - Surface Mount TVS Avalanche Diode Array

SP0503BAHT Datasheet (PDF)

Go To PDF Page Download Datasheet
SP0503BAHT Datasheet PDF - Littelfuse

Part # SP0503BAHT
Download  SP0503BAHT Click to download

File Size   125.0 Kbytes
Page   8 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description TVS Diode Arrays - Surface Mount TVS Avalanche Diode Array

SP0503BAHT Datasheet (HTML) - Littelfuse

SP0503BAHT Datasheet HTML 1Page - Littelfuse SP0503BAHT Datasheet HTML 2Page - Littelfuse SP0503BAHT Datasheet HTML 3Page - Littelfuse SP0503BAHT Datasheet HTML 4Page - Littelfuse SP0503BAHT Datasheet HTML 5Page - Littelfuse SP0503BAHT Datasheet HTML 6Page - Littelfuse SP0503BAHT Datasheet HTML 7Page - Littelfuse SP0503BAHT Datasheet HTML 8Page - Littelfuse

SP0503BAHT Product details

Surface Mount TVS Avalanche Diode Array

The surface mount family of arrays are designed to suppress ESD and other transient overvoltage events. These arrays are used to meet the International Electrotechnical Compatibility (IEC transient immunity standards IEC 61000-4-2 for Electrostatic Discharge Requirements). The series are used to help protect sensitive digital or analog input circuits on data, signal, or control lines with voltage levels up to 5VDC.
The monolithic silicon arrays are comprised of specially designed structures for transient voltage suppression(TVS). The size and shape of these structures have be tailored for transient protection. The low capacitance and clamp voltage are ideal for high speed signal line protection.

Features
• An Array of 2, 3, 4, 5 or 6 TVS Avalanche Diodes in a ultra small
   SC70, SOT-23, SOT-143, MSOP or TSSOP packages
• ESD Capability Standards
   IEC 61000-4-2, Direct Discharge . . . . . . . . . 20kV (Level 4)
   IEC 61000-4-2, Air Discharge . . . . . . . . . . . 30kV (Level 4)
   MIL STD 883 3015.7 . . . . . . . . . . . . . . . . . . . . . . . . . . 30kV
• Input Protection for Applications Up to 5VDC
• Fast Response Time . . . . . . . . . . . . . . . . . . . . . . . . . . . < 1ns
• Low Input Capacitance . . . . . . . . . . . . . . . . . . . . 30pF Typical
• Operating Temperature Range. . . . . . . . . . . . . -40°C to 85°C

Applications
• Mobile phone handsets
• Personal Digital Assistants (PDA)
• Portable handheld equipment (Laptop, Palmtop computers)
• Computer port, keyboard (USB1.1)
• Digital still cameras
• Digital video cameras
• MP3 players




Similar Part No. - SP0503BAHT

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP0503BAHT LITTELFUSE-SP0503BAHT Datasheet
315Kb / 8P
   Surface Mount TVS Avalanche Diode Array
SP0503BAHTG LITTELFUSE-SP0503BAHTG Datasheet
178Kb / 7P
   SP050xBA Lead-Free/Green Series
SP0503BAHTG LITTELFUSE-SP0503BAHTG Datasheet
373Kb / 9P
   30pF 30kV Unidirectional TVS Array
SP0503BAHTG LITTELFUSE-SP0503BAHTG Datasheet
1Mb / 9P
   30pF 30kV Unidirectional TVS Array
SP0503BAHTG LITTELFUSE-SP0503BAHTG Datasheet
964Kb / 7P
   8pF 15kV Unidirectional TVS Array
More results


Similar Description - SP0503BAHT

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SP0502BA LITTELFUSE-SP0502BA Datasheet
315Kb / 8P
   Surface Mount TVS Avalanche Diode Array
logo
Bourns Electronic Solut...
CDSC706-0504F BOURNS-CDSC706-0504F Datasheet
330Kb / 4P
   Surface Mount TVS Diode Array
CDSOT236-0502 BOURNS-CDSOT236-0502 Datasheet
267Kb / 4P
   Surface Mount TVS Diode Array
CDDFN10-0524P BOURNS-CDDFN10-0524P_12 Datasheet
335Kb / 4P
   Surface Mount TVS Diode Array
CDSOT563-0502 BOURNS-CDSOT563-0502 Datasheet
266Kb / 4P
   Surface Mount TVS Diode Array
CDMSP10-0504M BOURNS-CDMSP10-0504M Datasheet
402Kb / 6P
   Surface Mount TVS Diode Array
CDSC706-0504C BOURNS-CDSC706-0504C_12 Datasheet
286Kb / 4P
   Surface Mount TVS Diode Array
CDDFN10-0516P BOURNS-CDDFN10-0516P Datasheet
364Kb / 6P
   Surface Mount TVS Diode Array
logo
Weitron Technology
WOST04C WEITRON-WOST04C Datasheet
409Kb / 3P
   Surface Mount TVS Diode Array
logo
Bourns Electronic Solut...
CDDFN10-3324P BOURNS-CDDFN10-3324P Datasheet
943Kb / 5P
   Surface Mount TVS Diode Array
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com