Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI3-7152A-9 Datasheet (PDF) - Intersil Corporation

HI3-7152A-9 Datasheet PDF - Intersil Corporation
Part # HI3-7152A-9
Download  HI3-7152A-9 Download

File Size   829.95 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 10-Bit High Speed A/D Converter with Track and Hold

HI3-7152A-9 Datasheet (PDF)

Go To PDF Page Download Datasheet
HI3-7152A-9 Datasheet PDF - Intersil Corporation

Part # HI3-7152A-9
Download  HI3-7152A-9 Click to download

File Size   829.95 Kbytes
Page   16 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 10-Bit High Speed A/D Converter with Track and Hold

HI3-7152A-9 Datasheet (HTML) - Intersil Corporation

Back Button HI3-7152A-9 Datasheet HTML 1Page - Intersil Corporation HI3-7152A-9 Datasheet HTML 2Page - Intersil Corporation HI3-7152A-9 Datasheet HTML 3Page - Intersil Corporation HI3-7152A-9 Datasheet HTML 4Page - Intersil Corporation HI3-7152A-9 Datasheet HTML 5Page - Intersil Corporation HI3-7152A-9 Datasheet HTML 6Page - Intersil Corporation HI3-7152A-9 Datasheet HTML 7Page - Intersil Corporation HI3-7152A-9 Datasheet HTML 8Page - Intersil Corporation HI3-7152A-9 Datasheet HTML 9Page - Intersil Corporation HI3-7152A-9 Datasheet HTML 10Page - Intersil Corporation Next Button 

HI3-7152A-9 Product details

Description
The Intersil HI-7152 is a high speed 10-bit A/D converter which uses a Two-Step, Flash algorithm to achieve throughput rates of 200kHz. A unique switched capacitor technique allows a new input voltage to be sampled while a conversion is taking place.
Internal high speed CMOS buffers at both the analog and reference inputs simplify external drive requirements.

Features
• Conversion Time . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5µs
• Continuous Throughput Rate. . . . . . . . . . . . . . . 200kHz
• No Offset or Gain Adjustments Necessary
• Internal Track and Hold Amplifier
• Analog and Reference Inputs Fully Buffered
• µP Compatible Byte Organized Outputs
• Low Power Consumption . . . . . . . . . . . . . . . . . .150mW
• Uses a Single 2.5V Reference for ±2.5 V Input Range

Applications
• µP Controlled Data Acquisition Systems
• DSP
    - Avionics
    - Sonar
• Process Control
    - Automotive Transducer Sensing
    - Industrial
• Robotics
• Digital Communications
• Image Processing




Similar Part No. - HI3-7152A-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI3-7151A-9 INTERSIL-HI3-7151A-9 Datasheet
854Kb / 17P
   10-Bit, High Speed, A/D Converter with Track and Hold
HI3-7151B-9 INTERSIL-HI3-7151B-9 Datasheet
854Kb / 17P
   10-Bit, High Speed, A/D Converter with Track and Hold
HI3-7151J-5 INTERSIL-HI3-7151J-5 Datasheet
854Kb / 17P
   10-Bit, High Speed, A/D Converter with Track and Hold
HI3-7151K-5 INTERSIL-HI3-7151K-5 Datasheet
854Kb / 17P
   10-Bit, High Speed, A/D Converter with Track and Hold
HI3-7153A-9 INTERSIL-HI3-7153A-9 Datasheet
977Kb / 17P
   8-Channel, 10-Bit High Speed Sampling A/D Converter
More results


Similar Description - HI3-7152A-9

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI-7151 INTERSIL-HI-7151 Datasheet
854Kb / 17P
   10-Bit, High Speed, A/D Converter with Track and Hold
logo
Maxim Integrated Produc...
MAX177 MAXIM-MAX177 Datasheet
132Kb / 4P
   CMOS 10-Bit A/D Converter with Track-and-Hold
logo
National Semiconductor ...
ADC1061 NSC-ADC1061 Datasheet
320Kb / 11P
   10-Bit High-Speed 關P-Compatible A/D Converter with Track/Hold Function
logo
Maxim Integrated Produc...
ADC0820 MAXIM-ADC0820 Datasheet
261Kb / 6P
   CMOS High Speed 8-Bit A/D Converter with Track/Hold Function
19-0889; Rev 1; 7/96
logo
NXP Semiconductors
ADC0820 PHILIPS-ADC0820 Datasheet
107Kb / 14P
   8-Bit, high-speed, mP-compatible A/D converter with track/hold function
August 31, 1994
logo
Maxim Integrated Produc...
MAX150 MAXIM-MAX150 Datasheet
439Kb / 12P
   CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function
Rev 1; 8/93
logo
Intersil Corporation
CA3310 INTERSIL-CA3310_01 Datasheet
355Kb / 16P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
CA3310 INTERSIL-CA3310 Datasheet
120Kb / 15P
   CMOS, 10-Bit, A/D Converters with Internal Track and Hold
August 1997
HI5810 INTERSIL-HI5810 Datasheet
423Kb / 12P
   CMOS 10 Microsecond, 12-Bit, Sampling A/D Converter with Internal Track and Hold
logo
Texas Instruments
ADC0820-N TI1-ADC0820-N_14 Datasheet
1Mb / 29P
[Old version datasheet]    8-Bit High Speed 關P Compatible A/D Converter with Track/Hold Function
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com