Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1W04M Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

1W04M Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # 1W04M
Download  1W04M Download

File Size   69.38 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Single Phase 1.0 AMP. Silicon Bridge Rectifiers

1W04M Datasheet (PDF)

Go To PDF Page Download Datasheet
1W04M Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # 1W04M
Download  1W04M Click to download

File Size   69.38 Kbytes
Page   2 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description Single Phase 1.0 AMP. Silicon Bridge Rectifiers

1W04M Datasheet (HTML) - Taiwan Semiconductor Company, Ltd

1W04M Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1W04M Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd

1W04M Product details

fVoltage Range 50 to 1000 Volts

Current 1.0 Ampere



Features

UL Recognized File # E-96005

Surge overload ratings to 30 amperes peak

Ideal for printed circuit board

Reliable low cost construction technique results in inexpensive product

High temperature soldering guaranteed: 260℃ / 10 seconds / 0.375” ( 9.5mm ) lead length at 5 lbs. ( 2.3 Kg ) tension



Mechanical Data

Case: Molded plastic

Lead: Solder plated

Polarity: As marked

Weight: 1.10 grams




Similar Part No. - 1W04M

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1W04M TSC-1W04M Datasheet
267Kb / 2P
   Single Phase 1.0 AMP. Silicon Bridge Rectifiers
More results


Similar Description - 1W04M

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1W005M TSC-1W005M_1 Datasheet
267Kb / 2P
   Single Phase 1.0 AMP. Silicon Bridge Rectifiers
logo
Jinan Gude Electronic D...
1W005 JGD-1W005 Datasheet
129Kb / 2P
   SINGLE PHASE 1.0 AMP SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
1W005 TSC-1W005 Datasheet
265Kb / 2P
   Single Phase 1.0 AMP. Silicon Bridge Rectifiers
logo
Goodwork Semiconductor ...
DB101 GWSEMI-DB101 Datasheet
63Kb / 2P
   SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
DB101 FORMOSA-DB101 Datasheet
34Kb / 2P
   SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Bytes
DB101 BYTES-DB101 Datasheet
147Kb / 2P
   SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
DI101 FORMOSA-DI101 Datasheet
62Kb / 2P
   SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Shenzhen Yixinwei Techn...
DB101 YIXIN-DB101 Datasheet
236Kb / 2P
   SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
UNIOHM CORPORATION
RS101 UNIOHM-RS101 Datasheet
61Kb / 2P
   SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
logo
Formosa MS
RS101 FORMOSA-RS101 Datasheet
31Kb / 2P
   SINGLE PHASE 1.0 AMP BRIDGE RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com