Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5804 Datasheet (PDF) - Microsemi Corporation

1N5804 Datasheet PDF - Microsemi Corporation
Part # 1N5804
Download  1N5804 Download

File Size   133.12 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description MILITARY APPROVED, HIGH EFFICIENCY, 2.5 AMP AND 6.0 AMP

1N5804 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5804 Datasheet PDF - Microsemi Corporation

Part # 1N5804
Download  1N5804 Click to download

File Size   133.12 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description MILITARY APPROVED, HIGH EFFICIENCY, 2.5 AMP AND 6.0 AMP

1N5804 Datasheet (HTML) - Microsemi Corporation

1N5804 Datasheet HTML 1Page - Microsemi Corporation 1N5804 Datasheet HTML 2Page - Microsemi Corporation 1N5804 Datasheet HTML 3Page - Microsemi Corporation

1N5804 Product details

DESCRIPTION
This “ultrafast recovery” rectifier diode series is military qualified to MIL-PRF-19500/477 and is ideal for high-reliability applications where a failure cannot be tolerated. These industry-recognized 2.5 Amp rated rectifiers for working peak reverse voltages from 50 to 150 volts are hermetically sealed with voidless-glass construction using an internal “Category I” metallurgical bond. They are also available in surface-mount packages (see separate data sheet for 1N5802US thru 1N5806US). Microsemi also offers numerous other rectifier products to meet higher and lower current ratings with various recovery time speed requirements including standard, fast and ultrafast in both through-hole and surface-mount packages.

FEATURES
• Popular JEDEC registered 1N5802 to 1N5806 series
• Voidless hermetically sealed glass package
• Extremely robust construction
• Triple-layer passivation
• Internal “Category I” Metallurgical bonds
• JAN, JANTX, JANTXV, and JANS available per MIL-PRF-19500/477
• Surface mount equivalents also available in a square end-cap MELF configuration with “US” suffix (see separate data sheet for 1N5802US thru 1N5806US)




Similar Part No. - 1N5804

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5804 MICROSEMI-1N5804 Datasheet
46Kb / 3P
   2.5 AMPS FAST RECOVERY RECTIFIER CHIP 50 - 150 VOLTS
1N5804 MICROSEMI-1N5804 Datasheet
318Kb / 2P
   MILITARY APPROVED HIGH EFFICIENCY 2.5 AMP AND 6.0 AMP
1N5804 MICROSEMI-1N5804 Datasheet
53Kb / 2P
   ULTRA FAST MILITARY RECTIFIERS
logo
Semtech Corporation
1N5804 SEMTECH-1N5804 Datasheet
204Kb / 3P
   RECTIFIER, up to 150V, 2.5A, 25ns
logo
Sensitron
1N5804 SENSITRON-1N5804 Datasheet
45Kb / 3P
   Ultrafast Recovery Rectifier
More results


Similar Description - 1N5804

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5802 MICROSEMI-1N5802 Datasheet
318Kb / 2P
   MILITARY APPROVED HIGH EFFICIENCY 2.5 AMP AND 6.0 AMP
logo
Nanjing International G...
HER602-2C6A-2CR-6 DGNJDZ-HER602-2C6A-2CR-6 Datasheet
309Kb / 2P
   6.0 AMP HIGH EFFICIENCY RECTIFIERS
HER604-2C6A-2CR-6 DGNJDZ-HER604-2C6A-2CR-6 Datasheet
309Kb / 2P
   6.0 AMP HIGH EFFICIENCY RECTIFIERS
HER605-2C6A-2CR-6 DGNJDZ-HER605-2C6A-2CR-6 Datasheet
309Kb / 2P
   6.0 AMP HIGH EFFICIENCY RECTIFIERS
HER606-2C6A-2CR-6 DGNJDZ-HER606-2C6A-2CR-6 Datasheet
309Kb / 2P
   6.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Bytes
HER601 BYTES-HER601 Datasheet
154Kb / 2P
   6.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER603-2C6A-2CR-6 DGNJDZ-HER603-2C6A-2CR-6 Datasheet
309Kb / 2P
   6.0 AMP HIGH EFFICIENCY RECTIFIERS
HER607-2C6A-2CR-6 DGNJDZ-HER607-2C6A-2CR-6 Datasheet
309Kb / 2P
   6.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Formosa MS
HER601 FORMOSA-HER601 Datasheet
36Kb / 2P
   6.0 AMP HIGH EFFICIENCY RECTIFIERS
logo
Nanjing International G...
HER608-2C6A-2CR-6 DGNJDZ-HER608-2C6A-2CR-6 Datasheet
309Kb / 2P
   6.0 AMP HIGH EFFICIENCY RECTIFIERS
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com