Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS39150CZ25 Datasheet (PDF) - Taiwan Semiconductor Company, Ltd

TS39150CZ25 Datasheet PDF - Taiwan Semiconductor Company, Ltd
Part # TS39150CZ25
Download  TS39150CZ25 Download

File Size   116.34 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1.5A Ultra Low Dropout Fixed Positive Voltage Regulator

TS39150CZ25 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS39150CZ25 Datasheet PDF - Taiwan Semiconductor Company, Ltd

Part # TS39150CZ25
Download  TS39150CZ25 Click to download

File Size   116.34 Kbytes
Page   5 Pages
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd
Description 1.5A Ultra Low Dropout Fixed Positive Voltage Regulator

TS39150CZ25 Datasheet (HTML) - Taiwan Semiconductor Company, Ltd

TS39150CZ25 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS39150CZ25 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS39150CZ25 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39150CZ25 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39150CZ25 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd

TS39150CZ25 Product details

General Description
TS39150/1/2/3 are 1.5A ultra low dropout linear voltage regulators that provide low voltage, high current output from an extremely small package. These regulator offers extremely low dropout (typically 400mV at 1.5A) and very low ground current (typically 12mA at 1.5A).
TS39150/1/2/3 are fully protected against over current faults, reversed input polarity, reversed lead insertion, over temperature operation, positive and negative transient voltage spikes, logic level enable control and error flag which signals whenever the output falls out of regulation.
On the TS39150/1/2/3, the enable pin may be tied to VIN if it is not required for enable control.

Features
● Dropout voltage typically 0.4V @ Io=1.5A
● Output Current up to 1.5A
● Low Ground Current
● Extremely Fast Transient Response
● Reversed Leakage & Reverse Battery Protection
● Error Flag Signals Output (TS39101 only)
● Internal Current Limit
● Thermal Shutdown Protection

Application
● PowerPCTM Power Supplies
● Battery Powered Equipment
● Consumer and Personal Electronics
● High Efficiency Linear Power Supplies
● SMPS Post Regulator and DC to DC Modules
● High-efficiency Post Regulator for Switching Supply
● Low-Voltage microcontrollers and Digital Logic




Similar Part No. - TS39150CZ25

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS39150CZ TSC-TS39150CZ Datasheet
520Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39150CZ18 TSC-TS39150CZ18 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39150CZC0 TSC-TS39150CZC0 Datasheet
654Kb / 12P
   1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
More results


Similar Description - TS39150CZ25

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS29150 ETC1-TS29150 Datasheet
124Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS29150 TSC-TS29150 Datasheet
120Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
logo
International Rectifier
IRU1015-33CD IRF-IRU1015-33CD Datasheet
58Kb / 8P
   1.5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
IRU1015-33 IRF-IRU1015-33 Datasheet
85Kb / 4P
   1.5A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
logo
Anachip Corp
AP033 ANACHIP-AP033 Datasheet
137Kb / 5P
   1.5A Low Dropout Positive Fixed-Mode Regulator
AP1186 ANACHIP-AP1186 Datasheet
191Kb / 8P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Diodes Incorporated
AP1186 DIODES-AP1186 Datasheet
269Kb / 9P
   1.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
AP1186 Rev. 1
logo
E-Tech Electronics LTD
G5E1286 ETL-G5E1286 Datasheet
301Kb / 4P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
logo
Advanced Power Electron...
APE1186 A-POWER-APE1186 Datasheet
478Kb / 9P
   1.5A Ultra Low Dropout Positive Adjustable or Fixed-mode Regulator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com