Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC3886A Datasheet (PDF) - Toshiba Semiconductor

2SC3886A Datasheet PDF - Toshiba Semiconductor
Part # 2SC3886A
Download  2SC3886A Download

File Size   62.49 Kbytes
Page   1 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR SILICON NPN / 1400V / 8A / 50W

2SC3886A Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC3886A Datasheet PDF - Toshiba Semiconductor

Part # 2SC3886A
Download  2SC3886A Click to download

File Size   62.49 Kbytes
Page   1 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TRANSISTOR SILICON NPN / 1400V / 8A / 50W

2SC3886A Datasheet (HTML) - Toshiba Semiconductor

2SC3886A Datasheet HTML 1Page - Toshiba Semiconductor

2SC3886A Product details

Silicon NPN Power Transistors



Similar Part No. - 2SC3886A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC3886A ISC-2SC3886A Datasheet
94Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC3886A SAVANTIC-2SC3886A Datasheet
246Kb / 3P
   Silicon NPN Power Transistors
2SC3886A SAVANTIC-2SC3886A Datasheet
247Kb / 3P
   Silicon NPN Power Transistors
More results


Similar Description - 2SC3886A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SC1358 MOSPEC-2SC1358 Datasheet
112Kb / 3P
   POWER TRANSISTORS(4.5A,1400V,50W)
logo
NTE Electronics
NTE325 NTE-NTE325 Datasheet
22Kb / 2P
   Silicon NPN RF Power Transistor 50W @ 30MHz
logo
Shindengen Electric Mfg...
2SD1025 SHINDENGEN-2SD1025 Datasheet
540Kb / 8P
   Darlington Transistor(8A NPN)
2SD1024 SHINDENGEN-2SD1024 Datasheet
447Kb / 8P
   Darlington Transistor(8A NPN)
logo
Mospec Semiconductor
D44VM MOSPEC-D44VM Datasheet
133Kb / 3P
   POWER TRANSISTORS(8A,30-80V,50W)
logo
Shindengen Electric Mfg...
2SC4056 SHINDENGEN-2SC4056 Datasheet
524Kb / 12P
   Switching Power Transistor(8A NPN)
2SC4057 SHINDENGEN-2SC4057 Datasheet
513Kb / 12P
   Switching Power Transistor(8A NPN)
2SC4834 SHINDENGEN-2SC4834 Datasheet
428Kb / 9P
   Switching Power Transistor(8A NPN)
2SC4055 SHINDENGEN-2SC4055 Datasheet
523Kb / 12P
   Switching Power Transistor(8A NPN)
2SC4580 SHINDENGEN-2SC4580 Datasheet
432Kb / 10P
   Switching Power Transistor(8A NPN)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com