Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS7C31024B-15JCN Datasheet (PDF) - Alliance Semiconductor Corporation

AS7C31024B-15JCN Datasheet PDF - Alliance Semiconductor Corporation
Part # AS7C31024B-15JCN
Download  AS7C31024B-15JCN Download

File Size   120.39 Kbytes
Page   9 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 3.3V 128K X 8 CMOS SRAM

AS7C31024B-15JCN Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7C31024B-15JCN Datasheet PDF - Alliance Semiconductor Corporation

Part # AS7C31024B-15JCN
Download  AS7C31024B-15JCN Click to download

File Size   120.39 Kbytes
Page   9 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 3.3V 128K X 8 CMOS SRAM

AS7C31024B-15JCN Datasheet (HTML) - Alliance Semiconductor Corporation

AS7C31024B-15JCN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C31024B-15JCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C31024B-15JCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C31024B-15JCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C31024B-15JCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C31024B-15JCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C31024B-15JCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C31024B-15JCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C31024B-15JCN Datasheet HTML 9Page - Alliance Semiconductor Corporation

AS7C31024B-15JCN Product details

Functional description
The AS7C31024B is a high performance CMOS 1,048,576-bit Static Random Access Memory (SRAM) device organized as 131,072 words x 8 bits. It is designed for memory applications where fast data access, low power, and simple interfacing are desired.

Features
• Industrial and commercial temperatures
• Organization: 131,072 words x 8 bits
• High speed
    - 10/12/15/20 ns address access time
    - 5, 6, 7, 8 ns output enable access time
• Low power consumption: ACTIVE
    - 252 mW / max @ 10 ns
• Low power consumption: STANDBY
    - 18 mW / max CMOS
• 6T 0.18u CMOS technology
• Easy memory expansion with CE1, CE2, OE inputs
• TTL/LVTTL-compatible, three-state I/O
• 32-pin JEDEC standard packages
    - 300 mil SOJ
    - 400 mil SOJ
    - 8 × 20mm TSOP 1
    - 8 x 13.4mm sTSOP 1
• ESD protection ≥ 2000 volts
• Latch-up current ≥ 200 mA




Similar Part No. - AS7C31024B-15JCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C31024A-10JC ALSC-AS7C31024A-10JC Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C31024A-10JI ALSC-AS7C31024A-10JI Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C31024A-10STC ALSC-AS7C31024A-10STC Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C31024A-10STI ALSC-AS7C31024A-10STI Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
AS7C31024A-10TC ALSC-AS7C31024A-10TC Datasheet
116Kb / 9P
   5V/3.3V 128KX8 CMOS SRAM (Evolutionary Pinout)
More results


Similar Description - AS7C31024B-15JCN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UM621024 ETC1-UM621024 Datasheet
37Kb / 1P
   128K x 8 CMOS SRAM
logo
Alliance Semiconductor ...
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
logo
AMIC Technology
LP621024D-T AMICC-LP621024D-T Datasheet
184Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D Datasheet
183Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D AMICC-LP621024D_15 Datasheet
227Kb / 16P
   128K X 8 BIT CMOS SRAM
logo
Alliance Semiconductor ...
AS7C1024C ALSC-AS7C1024C Datasheet
113Kb / 9P
   5V 128K X 8 CMOS SRAM
logo
AMIC Technology
A627308 AMICC-A627308 Datasheet
250Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024D-I AMICC-LP621024D-I Datasheet
192Kb / 17P
   128K X 8 BIT CMOS SRAM
LP621024D-T AMICC-LP621024D-T_15 Datasheet
227Kb / 16P
   128K X 8 BIT CMOS SRAM
LP621024E-I AMICC-LP621024E-I Datasheet
173Kb / 15P
   128K X 8 BIT CMOS SRAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com