Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSS-302M-A12B Datasheet (PDF) - Mitsubishi Electric Semiconductor

DSS-302M-A12B Datasheet PDF - Mitsubishi Electric Semiconductor
Part # DSS-302M-A12B
Download  DSS-302M-A12B Download

File Size   259.41 Kbytes
Page   11 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description DIA SURGE SUPPRESSOR (DSS)

DSS-302M-A12B Datasheet (PDF)

Go To PDF Page Download Datasheet
DSS-302M-A12B Datasheet PDF - Mitsubishi Electric Semiconductor

Part # DSS-302M-A12B
Download  DSS-302M-A12B Click to download

File Size   259.41 Kbytes
Page   11 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description DIA SURGE SUPPRESSOR (DSS)

DSS-302M-A12B Datasheet (HTML) - Mitsubishi Electric Semiconductor

Back Button DSS-302M-A12B Datasheet HTML 1Page - Mitsubishi Electric Semiconductor DSS-302M-A12B Datasheet HTML 2Page - Mitsubishi Electric Semiconductor DSS-302M-A12B Datasheet HTML 3Page - Mitsubishi Electric Semiconductor DSS-302M-A12B Datasheet HTML 4Page - Mitsubishi Electric Semiconductor DSS-302M-A12B Datasheet HTML 5Page - Mitsubishi Electric Semiconductor DSS-302M-A12B Datasheet HTML 6Page - Mitsubishi Electric Semiconductor DSS-302M-A12B Datasheet HTML 7Page - Mitsubishi Electric Semiconductor DSS-302M-A12B Datasheet HTML 8Page - Mitsubishi Electric Semiconductor DSS-302M-A12B Datasheet HTML 9Page - Mitsubishi Electric Semiconductor DSS-302M-A12B Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button 

DSS-302M-A12B Product details

■Features

●Surge protection for telephone lines.(telephone, modem, facsimile etc.)

●Surge protection for telecommunication lines.(computer etc.)

●Some models are recognized by UL.




Similar Part No. - DSS-302M-A12B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DSS-313 MACOM-DSS-313 Datasheet
106Kb / 2P
   Two-Way Power Divider 10 - 2000 MHz
logo
M/A-COM Technology Solu...
DSS-313 MA-COM-DSS-313 Datasheet
73Kb / 3P
   Two-Way Power Divider, 10 - 2000 MHz
DSS-313 MA-COM-DSS-313 Datasheet
528Kb / 4P
   Two-Way Power Divider
DSS-313PIN MA-COM-DSS-313PIN Datasheet
73Kb / 3P
   Two-Way Power Divider, 10 - 2000 MHz
logo
Tyco Electronics
DSS-327 MACOM-DSS-327 Datasheet
63Kb / 1P
   Surface Mount Two-Way Power Divider 5 - 1000 MHz
More results


Similar Description - DSS-302M-A12B

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_11 Datasheet
807Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA_07 Datasheet
81Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
PP0640SA PROTEC-PP0640SA Datasheet
118Kb / 6P
   THYRISTOR SURGE SUPPRESSOR
logo
Shindengen Electric Mfg...
KP20NU11 SHINDENGEN-KP20NU11 Datasheet
201Kb / 4P
   Thyristor Surge Suppressor
logo
Guangdong Juxing Electr...
TB120S JUXING-TB120S Datasheet
1Mb / 4P
   SURGE SUPPRESSOR BRIDGE
logo
Shindengen Electric Mfg...
KU10NU11 SHINDENGEN-KU10NU11 Datasheet
143Kb / 4P
   THYRISTOR Surge suppressor
logo
Protek Devices
PP0640SA PROTEC-PP0640SA_12 Datasheet
808Kb / 9P
   THYRISTOR SURGE SUPPRESSOR
PP_SM PROTEC-PP_SM_15 Datasheet
534Kb / 10P
   THYRISTOR SURGE SUPPRESSOR
logo
Guangdong Juxing Electr...
TB120B JUXING-TB120B Datasheet
1Mb / 4P
   SURGE SUPPRESSOR BRIDGE
logo
Protek Devices
RV120-30 PROTEC-RV120-30 Datasheet
113Kb / 1P
   120V RV SURGE SUPPRESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com