Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P2782A-08TT Datasheet (PDF) - Alliance Semiconductor Corporation

P2782A-08TT Datasheet PDF - Alliance Semiconductor Corporation
Part # P2782A-08TT
Download  P2782A-08TT Download

File Size   169.68 Kbytes
Page   11 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description General Purpose EMI Reduction IC

P2782A-08TT Datasheet (PDF)

Go To PDF Page Download Datasheet
P2782A-08TT Datasheet PDF - Alliance Semiconductor Corporation

Part # P2782A-08TT
Download  P2782A-08TT Click to download

File Size   169.68 Kbytes
Page   11 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description General Purpose EMI Reduction IC

P2782A-08TT Datasheet (HTML) - Alliance Semiconductor Corporation

Back Button P2782A-08TT Datasheet HTML 1Page - Alliance Semiconductor Corporation P2782A-08TT Datasheet HTML 2Page - Alliance Semiconductor Corporation P2782A-08TT Datasheet HTML 3Page - Alliance Semiconductor Corporation P2782A-08TT Datasheet HTML 4Page - Alliance Semiconductor Corporation P2782A-08TT Datasheet HTML 5Page - Alliance Semiconductor Corporation P2782A-08TT Datasheet HTML 6Page - Alliance Semiconductor Corporation P2782A-08TT Datasheet HTML 7Page - Alliance Semiconductor Corporation P2782A-08TT Datasheet HTML 8Page - Alliance Semiconductor Corporation P2782A-08TT Datasheet HTML 9Page - Alliance Semiconductor Corporation P2782A-08TT Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button 

P2782A-08TT Product details

Product Description

The P278xA is a versatile spread spectrum frequency modulator designed specifically for digital camera and other digital video and imaging applications. The P278xA reduces electromagnetic interference (EMI) at the clock source, which provides system wide reduction of EMI of all clock dependent signals. The P278xA allows significant system cost savings by reducing the number of

circuit board layers and shielding that are traditionally required to pass EMI regulations.



Features

Provides up to 15dB of EMI suppression

FCC approved method of EMI attenuation

Generates a 1X, 2X, and 4X low EMI spread spectrum clock of the input frequency

Input frequency range from 3 to 78MHz

External loop filter for spread % adjustment

Spreading ranges from±0.25% to ±5.0%

Ultra low cycle-to-cycle jitter

Zero-cycle slip

3.3V operating voltage range

10 mA output drives

TTL or CMOS compatible outputs

Ultra-low power CMOS design

P278XA is available in 8 pin SOIC and TSSOP Packages

Available for industrial and automotive temperature ranges.



Applications

The P278xA is targeted towards MFP, xDSL, fax modem, set-top box, USB controller, DSC, and embedded systems.




Similar Part No. - P2782A-08TT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
P2782AF-08SR PULSECORE-P2782AF-08SR Datasheet
184Kb / 11P
   General Purpose EMI Reduction IC
logo
ON Semiconductor
P2782AF-08SR ONSEMI-P2782AF-08SR Datasheet
154Kb / 8P
   General Purpose EMI Reduction IC
JANUARY 2010 ??Rev. 2
logo
PulseCore Semiconductor
P2782AF-08ST PULSECORE-P2782AF-08ST Datasheet
184Kb / 11P
   General Purpose EMI Reduction IC
P2782AF-08TR PULSECORE-P2782AF-08TR Datasheet
184Kb / 11P
   General Purpose EMI Reduction IC
P2782AF-08TT PULSECORE-P2782AF-08TT Datasheet
184Kb / 11P
   General Purpose EMI Reduction IC
More results


Similar Description - P2782A-08TT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
P2027A PULSECORE-P2027A Datasheet
176Kb / 8P
   General Purpose EMI Reduction IC
logo
ON Semiconductor
P2781 ONSEMI-P2781 Datasheet
154Kb / 8P
   General Purpose EMI Reduction IC
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
P2681A ALSC-P2681A Datasheet
471Kb / 10P
   General Purpose EMI Reduction IC
logo
ON Semiconductor
P2008A ONSEMI-P2008A Datasheet
124Kb / 7P
   General Purpose EMI Reduction IC
August, 2011 ??Rev. 3
P2027A ONSEMI-P2027A Datasheet
112Kb / 7P
   General Purpose EMI Reduction IC
August, 2011 ??Rev. 2
logo
Alliance Semiconductor ...
P2027A ALSC-P2027A Datasheet
549Kb / 9P
   General Purpose EMI Reduction IC
P2008A ALSC-P2008A Datasheet
172Kb / 9P
   General Purpose EMI Reduction IC
logo
PulseCore Semiconductor
P2008A PULSECORE-P2008A Datasheet
173Kb / 8P
   General Purpose EMI Reduction IC
P2781 PULSECORE-P2781 Datasheet
184Kb / 11P
   General Purpose EMI Reduction IC
logo
ON Semiconductor
PCS3P8103A ONSEMI-PCS3P8103A Datasheet
138Kb / 7P
   General Purpose Peak EMI Reduction IC
APRIL 2010 ??Rev. 2
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com