Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-S51G-HG300 Datasheet (PDF) - Agilent(Hewlett-Packard)

HDSP-S51G-HG300 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HDSP-S51G-HG300
Download  HDSP-S51G-HG300 Download

File Size   260.96 Kbytes
Page   12 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays

HDSP-S51G-HG300 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDSP-S51G-HG300 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HDSP-S51G-HG300
Download  HDSP-S51G-HG300 Click to download

File Size   260.96 Kbytes
Page   12 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays

HDSP-S51G-HG300 Datasheet (HTML) - Agilent(Hewlett-Packard)

Back Button HDSP-S51G-HG300 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-S51G-HG300 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-S51G-HG300 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-S51G-HG300 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-S51G-HG300 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-S51G-HG300 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-S51G-HG300 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-S51G-HG300 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-S51G-HG300 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDSP-S51G-HG300 Datasheet HTML 10Page - Agilent(Hewlett-Packard) Next Button 

HDSP-S51G-HG300 Product details

Features
• 5 x 7 Dot matrix font
• Stackable horizontally
• Industry standard pin-out
    – 22.86 mm (0.9 in.) Dual-In-Line (DIP) leads on 2.54 mm (0.1 in.) centers
• Choice of colors
    – Single color: GaP Red or GaP Green
    – Bi-color: GaP Red and GaP Green
• Face paint color: black
• Design flexibility
    – Common row anode or common row cathode
• Categorized for luminous intensity or luminance
• Green categorized for color

Applications
• Suitable for indoor use
• Not recommended for industrial applications, i.e., operating temperature requirements exceeding 85°C or below -35°C
• Extreme temperature cycling not recommended[1]




Similar Part No. - HDSP-S51G-HG300

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-S53E AVAGO-HDSP-S53E Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-S53G AVAGO-HDSP-S53G Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-S58E AVAGO-HDSP-S58E Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-S58G AVAGO-HDSP-S58G Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-S5XE AVAGO-HDSP-S5XE Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
More results


Similar Description - HDSP-S51G-HG300

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-S5XE AVAGO-HDSP-S5XE Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Broadcom Corporation.
HDSP-7XXX BOARDCOM-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-S6 HP-HDSP-S6 Datasheet
124Kb / 12P
   General Purpose 5 x 8 Dot Matrix Alphanumeric Displays
HDSP-B571 HP-HDSP-B571 Datasheet
204Kb / 6P
   Dot Matrix Displays 5 x 7 Bi-Color General Purpose Dot Matrix Displays 53.2 mm (2.09 inch) Package
HDSP-H571 HP-HDSP-H571 Datasheet
86Kb / 7P
   5 x 7 General Purpose Dot Matrix Displays 53.2 mm (2.09 Inch) Package
HDSP-B582 HP-HDSP-B582 Datasheet
94Kb / 8P
   53.3 mm (2.1 inch) General Purpose 5 x 8 Dot Matrix Bi-Color Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-S8XE AVAGO-HDSP-S8XE Datasheet
89Kb / 8P
   17.5 mm (0.69 inch) General Purpose 8 x 8 Dot Matrix Alphanumeric Displays
logo
Broadcom Corporation.
HDSP-70XE BOARDCOM-HDSP-70XE Datasheet
210Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-B58X HP-HDSP-B58X Datasheet
281Kb / 8P
   53.3 mm (2.1 INCH) GENERAL PURPOSE 5 X 8 DOT MATRIX BI - COLOR ALPHANUMERIC DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-B58X AVAGO-HDSP-B58X Datasheet
86Kb / 8P
   53.3 mm (2.1 inch) General Purpose 5 x 8 Dot Matrix Bi-Color Alphanumeric Displays
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com