Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PF0342A Datasheet (PDF) - Hitachi Semiconductor

PF0342A Datasheet PDF - Hitachi Semiconductor
Part # PF0342A
Download  PF0342A Download

File Size   47.13 Kbytes
Page   12 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description MOS FET Power Amplifier Module for UHF Band

PF0342A Datasheet (PDF)

Go To PDF Page Download Datasheet
PF0342A Datasheet PDF - Hitachi Semiconductor

Part # PF0342A
Download  PF0342A Click to download

File Size   47.13 Kbytes
Page   12 Pages
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor
Description MOS FET Power Amplifier Module for UHF Band

PF0342A Datasheet (HTML) - Hitachi Semiconductor

Back Button PF0342A Datasheet HTML 1Page - Hitachi Semiconductor PF0342A Datasheet HTML 2Page - Hitachi Semiconductor PF0342A Datasheet HTML 3Page - Hitachi Semiconductor PF0342A Datasheet HTML 4Page - Hitachi Semiconductor PF0342A Datasheet HTML 5Page - Hitachi Semiconductor PF0342A Datasheet HTML 6Page - Hitachi Semiconductor PF0342A Datasheet HTML 7Page - Hitachi Semiconductor PF0342A Datasheet HTML 8Page - Hitachi Semiconductor PF0342A Datasheet HTML 9Page - Hitachi Semiconductor PF0342A Datasheet HTML 10Page - Hitachi Semiconductor Next Button 

PF0342A Product details

Features

• Small package: 30 × 10 × 5.9 mm

• High output power at low voltage: 2 W Typ at 4.8 V

• Low power control current: 200 µA Typ



 




Similar Part No. - PF0342A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
PF0340A HITACHI-PF0340A Datasheet
37Kb / 9P
   MOS FET Power Amplifier Module
logo
KEC(Korea Electronics)
PF0347TE6 KEC-PF0347TE6 Datasheet
435Kb / 1P
   EMI Filtering TVS
More results


Similar Description - PF0342A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
PF0313 HITACHI-PF0313 Datasheet
57Kb / 16P
   MOS FET Power Amplifier Module for VHF Band
PF0311 HITACHI-PF0311 Datasheet
42Kb / 11P
   MOS FET Power Amplifier Module for VHF Band
PF0310A HITACHI-PF0310A Datasheet
36Kb / 10P
   MOS FET Power Amplifier Module for VHF Band
logo
Toshiba Semiconductor
S-AU83L TOSHIBA-S-AU83L Datasheet
142Kb / 4P
   FM RF POWER AMPLIFIER MODULE for UHF BAND
S-AU82L TOSHIBA-S-AU82L Datasheet
143Kb / 4P
   FM RF POWER AMPLIFIER MODULE for UHF BAND
S-AU68L TOSHIBA-S-AU68L Datasheet
127Kb / 4P
   UHF BAND FM POWER AMPLIFIER MODULE
S-AU68M TOSHIBA-S-AU68M Datasheet
138Kb / 4P
   UHF BAND FM POWER AMPLIFIER MODULE
logo
Hitachi Semiconductor
PF0340A HITACHI-PF0340A Datasheet
37Kb / 9P
   MOS FET Power Amplifier Module
PF0031 HITACHI-PF0031 Datasheet
55Kb / 13P
   MOS FET Power Amplifier Module for Mobile Phone
2SK3390 HITACHI-2SK3390 Datasheet
78Kb / 7P
   Silicon N Channel MOS FET UHF Power Amplifier
More results




About Hitachi Semiconductor


Hitachi Semiconductor is a subsidiary of Hitachi, Ltd., a Japanese company that specializes in the design and manufacture of semiconductors.
The company was established in 1970 and is headquartered in Tokyo, Japan.
Hitachi Semiconductor offers a wide range of products including memory products, microcontrollers, power management ICs, and other analog and digital semiconductors.
The company's products are used in various applications such as consumer electronics, automotive systems, and industrial equipment.
Hitachi Semiconductor is known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com