Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC235QS16G Datasheet (PDF) - Hittite Microwave Corporation

HMC235QS16G Datasheet PDF - Hittite Microwave Corporation
Part # HMC235QS16G
Download  HMC235QS16G Download

File Size   189.31 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SMT 5 - BIT DIGITAL ATTENUATOR DC - 4 GHz

HMC235QS16G Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC235QS16G Datasheet PDF - Hittite Microwave Corporation

Part # HMC235QS16G
Download  HMC235QS16G Click to download

File Size   189.31 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SMT 5 - BIT DIGITAL ATTENUATOR DC - 4 GHz

HMC235QS16G Datasheet (HTML) - Hittite Microwave Corporation

HMC235QS16G Datasheet HTML 1Page - Hittite Microwave Corporation HMC235QS16G Datasheet HTML 2Page - Hittite Microwave Corporation HMC235QS16G Datasheet HTML 3Page - Hittite Microwave Corporation HMC235QS16G Datasheet HTML 4Page - Hittite Microwave Corporation HMC235QS16G Datasheet HTML 5Page - Hittite Microwave Corporation HMC235QS16G Datasheet HTML 6Page - Hittite Microwave Corporation

HMC235QS16G Product details

General Description
The HMC235QS16G is a broadband 5-bit digital attenuator in a 16 - lead (narrow pitch) surface mount QSOP plastic package with an exposed ground slug. This package occupies the same area as an 8 lead SOIC package. The 1, 2, 4 and 8 dB bits have less than 10 degrees relative phase shift. The five primary attenuation states can be activated independently, or collectively for attenuation levels of 1 to 31 dB.

Features
   Wide Bandwidth: DC - 4 GHz
   Attenuation Bits: 1, 2, 4, 8, 16 dB
   Miniature QSOP - 16 Package

Typical Applications
The HMC235QS16G is ideal for:
• Cellular
• PCS, WLL, LMDS
• IF applications.




Similar Part No. - HMC235QS16G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC235QS16G HITTITE-HMC235QS16G_01 Datasheet
205Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
More results


Similar Description - HMC235QS16G

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC110C14 HITTITE-HMC110C14 Datasheet
183Kb / 4P
   GaAs MMIC SMT 5 - BIT DIGITAL ATTENUATOR DC - 6 GHz
logo
Nel Frequency Controls,...
HMC110 NEL-HMC110 Datasheet
75Kb / 4P
   GaAs MMIC 5 - BIT DIGITAL ATTENUATOR DC - 10 GHz
logo
Mimix Broadband
XA1000 MIMIX-XA1000 Datasheet
418Kb / 6P
   DC-18.0 GHz GaAs MMIC 5-Bit Digital Attenuator
XA1000-BD MIMIX-XA1000-BD Datasheet
364Kb / 6P
   DC-18.0 GHz GaAs MMIC 5-Bit Digital Attenuator
logo
Hittite Microwave Corpo...
HMC307QS16G HITTITE-HMC307QS16G_06 Datasheet
326Kb / 6P
   1dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
HMC307QS16G HITTITE-HMC307QS16G Datasheet
206Kb / 6P
   1dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
HMC110G16 HITTITE-HMC110G16 Datasheet
93Kb / 4P
   1 dB LSB GaAs MMIC SMT 5-BIT DIGITAL ATTENUATOR, DC - 2.0 GHz
HMC235QS16G HITTITE-HMC235QS16G_01 Datasheet
205Kb / 6P
   1 dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 4 GHz
HMC335G16 HITTITE-HMC335G16_08 Datasheet
215Kb / 6P
   1dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 3 GHz
HMC335G16 HITTITE-HMC335G16 Datasheet
238Kb / 6P
   1dB LSB GaAs MMIC 5-BIT DIGITAL ATTENUATOR, DC - 3 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com