Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A42MX24-FCQ100I Datasheet (PDF) - List of Unclassifed Manufacturers

A42MX24-FCQ100I Datasheet PDF - List of Unclassifed Manufacturers
Part # A42MX24-FCQ100I
Download  A42MX24-FCQ100I Download

File Size   854.33 Kbytes
Page   123 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 40MX and 42MX FPGA Families

A42MX24-FCQ100I Datasheet (PDF)

Go To PDF Page Download Datasheet
A42MX24-FCQ100I Datasheet PDF - List of Unclassifed Manufacturers

Part # A42MX24-FCQ100I
Download  A42MX24-FCQ100I Click to download

File Size   854.33 Kbytes
Page   123 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 40MX and 42MX FPGA Families

A42MX24-FCQ100I Datasheet (HTML) - List of Unclassifed Manufacturers

Back Button A42MX24-FCQ100I Datasheet HTML 1Page - List of Unclassifed Manufacturers A42MX24-FCQ100I Datasheet HTML 2Page - List of Unclassifed Manufacturers A42MX24-FCQ100I Datasheet HTML 3Page - List of Unclassifed Manufacturers A42MX24-FCQ100I Datasheet HTML 4Page - List of Unclassifed Manufacturers A42MX24-FCQ100I Datasheet HTML 5Page - List of Unclassifed Manufacturers A42MX24-FCQ100I Datasheet HTML 6Page - List of Unclassifed Manufacturers A42MX24-FCQ100I Datasheet HTML 7Page - List of Unclassifed Manufacturers A42MX24-FCQ100I Datasheet HTML 8Page - List of Unclassifed Manufacturers A42MX24-FCQ100I Datasheet HTML 9Page - List of Unclassifed Manufacturers A42MX24-FCQ100I Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 

A42MX24-FCQ100I Product details

[Actel Corporation]

General Description
Actels 40MX and 42MX families offer a cost-effective design solution at 5V. The MX devices are single-chip solutions and provide high performance while shortening the system design and development cycle. MX devices can integrate and consolidate logic implemented in multiple PALs, CPLDs, and FPGAs. Example applications include high-speed controllers and address decoding, peripheral bus interfaces, DSP, and coprocessor functions.

Features
High Capacity
• Single-Chip ASIC Alternative
• 3,000 to 54,000 System Gates
• Up to 2.5 kbits Configurable Dual-Port SRAM
• Fast Wide-Decode Circuitry
• Up to 202 User-Programmable I/O Pins

High Performance
• 5.6 ns Clock-to-Out
• 250 MHz Performance
• 5 ns Dual-Port SRAM Access
• 100 MHz FIFOs
• 7.5 ns 35-Bit Address Decode

HiRel Features
• Commercial, Industrial, Automotive, and Military
   Temperature Plastic Packages
• Commercial, Military Temperature, and MIL-STD-883
   Ceramic Packages
• QML Certification
• Ceramic Devices Available to DSCC SMD

Ease of Integration
• Mixed-Voltage Operation (5.0V or 3.3V for core and
   I/Os), with PCI-Compliant I/Os
• Up to 100% Resource Utilization and 100% Pin
   Locking
• Deterministic, User-Controllable Timing
• Unique In-System Diagnostic and Verification
   Capability with Silicon Explorer II
• Low Power Consumption
• IEEE Standard 1149.1 (JTAG) Boundary Scan Testing




Similar Part No. - A42MX24-FCQ100I

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A42MX24-FCQ100I ACTEL-A42MX24-FCQ100I Datasheet
908Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-FCQ100I MICROSEMI-A42MX24-FCQ100I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX24-FCQ100I MICROSEMI-A42MX24-FCQ100I Datasheet
2Mb / 173P
   40MX and 42MX FPGA
More results


Similar Description - A42MX24-FCQ100I

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A40MX04-PL84 MICROSEMI-A40MX04-PL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
logo
Omron Electronics LLC
A42MX09-PLG84M OMRON-A42MX09-PLG84M Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-FPL68 MICROSEMI-A40MX04-FPL68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG68 MICROSEMI-A40MX04-PLG68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX09-TQ176 MICROSEMI-A42MX09-TQ176 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A42MX09-FPL84 MICROSEMI-A42MX09-FPL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX24-2PQ160 MICROSEMI-A42MX24-2PQ160 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX04-PL44I MICROSEMI-A40MX04-PL44I Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX02-PL44 MICROSEMI-A40MX02-PL44 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com