Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYP35A5 Datasheet (PDF) - Semikron International

BYP35A5 Datasheet PDF - Semikron International
Part # BYP35A5
Download  BYP35A5 Download

File Size   294.52 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Silicon Press-Fit-Diodes

BYP35A5 Datasheet (PDF)

Go To PDF Page Download Datasheet
BYP35A5 Datasheet PDF - Semikron International

Part # BYP35A5
Download  BYP35A5 Click to download

File Size   294.52 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Silicon Press-Fit-Diodes

BYP35A5 Datasheet (HTML) - Semikron International

BYP35A5 Datasheet HTML 1Page - Semikron International BYP35A5 Datasheet HTML 2Page - Semikron International

BYP35A5 Product details

Forward Current: 35 A
Reverse Voltage: 50 to 600 V

Features
• max. solder temperature 260°C, mac. 5s
• UL classification 94V-0
• Standard packaging: bulk




Similar Part No. - BYP35A5

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BYP35A05 DIOTEC-BYP35A05 Datasheet
181Kb / 2P
   Silicon Press-Fit-Diodes
BYP35A05 DIOTEC-BYP35A05 Datasheet
72Kb / 2P
   Silicon-Press-Fit-Diodes - High Temperature Diodes
logo
Semikron International
BYP35A05 SEMIKRON-BYP35A05 Datasheet
298Kb / 2P
   Silicon Press-Fit-Diodes
logo
Diotec Semiconductor
BYP35A05 DIOTEC-BYP35A05 Datasheet
157Kb / 2P
   Standard Recovery Press-fit Rectifier Diodes
logo
SAMYANG ELECTRONICS CO....
BYP35A05 SAMYANG-BYP35A05 Datasheet
412Kb / 2P
   SILICON PRESS-FIT DIODES
More results


Similar Description - BYP35A5

ManufacturerPart #DatasheetDescription
logo
Semikron International
KYW35A05 SEMIKRON-KYW35A05_06 Datasheet
251Kb / 2P
   Silicon Press-Fit-Diodes
BYP25A05 SEMIKRON-BYP25A05_06 Datasheet
299Kb / 2P
   Silicon Press-Fit-Diodes
logo
Galaxy Semi-Conductor H...
ZQ50A2L3 BILIN-ZQ50A2L3 Datasheet
125Kb / 2P
   SILICON PRESS-FIT DIODES
ZQ50A2L2 BILIN-ZQ50A2L2 Datasheet
174Kb / 2P
   SILICON PRESS-FIT DIODES
logo
Semikron International
BYP60A05 SEMIKRON-BYP60A05_06 Datasheet
292Kb / 2P
   Silicon Press-Fit-Diodes
logo
SAMYANG ELECTRONICS CO....
BYP35 SAMYANG-BYP35 Datasheet
412Kb / 2P
   SILICON PRESS-FIT DIODES
logo
Semikron International
BYP25A05 SEMIKRON-BYP25A05 Datasheet
295Kb / 2P
   Silicon Press-Fit-Diodes
KYZ25A05 SEMIKRON-KYZ25A05 Datasheet
243Kb / 2P
   Silicon Press-Fit-Diodes
logo
Diotec Semiconductor
KYW25A05 DIOTEC-KYW25A05 Datasheet
181Kb / 2P
   Silicon Press-Fit-Diodes
KYZ35A05 DIOTEC-KYZ35A05 Datasheet
179Kb / 2P
   Silicon Press-Fit-Diodes
logo
Semikron International
KYW25A05 SEMIKRON-KYW25A05 Datasheet
252Kb / 2P
   Silicon Press-Fit-Diodes
More results




About Semikron International


Semikron International GmbH is a German manufacturer of power electronics components, including diodes, thyristors, and power modules.

The company was founded in 1951 and has since become a leading supplier of power electronics solutions for applications in industries such as renewable energy, industrial automation, and electric vehicles, among others.

Semikron has a global presence with subsidiaries and sales offices in many countries around the world.

The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the power electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com