Electronic Components Datasheet Search |
|
10DDA20 Datasheet (PDF) - Nihon Inter Electronics Corporation |
10DDA20 Datasheet (PDF) |
Download Datasheet |
Part # | 10DDA20 |
Download | 10DDA20 Click to download |
File Size | 41.05 Kbytes |
Page | 5 Pages |
Manufacturer | NIEC [Nihon Inter Electronics Corporation] |
Direct Link | http://www.niec.co.jp |
Logo | |
Description | DIODE - 1A 200V TJ = 150C |
10DDA20 Datasheet (HTML) - Nihon Inter Electronics Corporation |
Similar Part No. - 10DDA20 |
|
Similar Description - 10DDA20 |
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |