Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5537-1 Datasheet (PDF) - Microsemi Corporation

1N5537-1 Datasheet PDF - Microsemi Corporation
Part # 1N5537-1
Download  1N5537-1 Download

File Size   113.21 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description LEADLESS PACKAGE FOR SURFACE MOUNT ZENER DIODE, 500mW

1N5537-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5537-1 Datasheet PDF - Microsemi Corporation

Part # 1N5537-1
Download  1N5537-1 Click to download

File Size   113.21 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description LEADLESS PACKAGE FOR SURFACE MOUNT ZENER DIODE, 500mW

1N5537-1 Datasheet (HTML) - Microsemi Corporation

1N5537-1 Datasheet HTML 1Page - Microsemi Corporation 1N5537-1 Datasheet HTML 2Page - Microsemi Corporation

1N5537-1 Product details

• 1N5518BUR-1 THRU 1N5546BUR-1 AVAILABLE IN JAN, JANTX AND JANTXV PER MIL-PRF-19500/437
• ZENER DIODE, 500mW
• LEADLESS PACKAGE FOR SURFACE MOUNT
• LOW REVERSE LEAKAGE CHARACTERISTICS
• METALLURGICALLY BONDED




Similar Part No. - 1N5537-1

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N5537 JGD-1N5537 Datasheet
243Kb / 2P
   0.4W LOW VOLTAGE AVALANCHE DIODES
logo
Knox Semiconductor, Inc
1N5537 KNOX-1N5537 Datasheet
39Kb / 1P
   LOW VOLTAGE AVALANCHE ZENER DIODES HIGH PERFORMANCE: LOW NOISE, LOW LEAKAGE
logo
Microsemi Corporation
1N5537 MICROSEMI-1N5537 Datasheet
81Kb / 2P
   LOW VOLTAGE AVALANCHE DIODES DO-35
1N5537 MICROSEMI-1N5537 Datasheet
83Kb / 2P
   LOW VOLTAGE AVALANCHE DIODES DO-7
1N5537 MICROSEMI-1N5537 Datasheet
324Kb / 3P
   Low Voltage Avalanche 500 mW Zener Diodes DO-35
More results


Similar Description - 1N5537-1

ManufacturerPart #DatasheetDescription
logo
Rohm
RLZTE-1113B ROHM-RLZTE-1113B Datasheet
820Kb / 4P
   500mW Zener Leadless Diode
RLZTE-1120B ROHM-RLZTE-1120B Datasheet
820Kb / 4P
   500mW Zener Leadless Diode
RLZTE-1118C ROHM-RLZTE-1118C Datasheet
820Kb / 4P
   500mW Zener Leadless Diode
RLZTE-1122B ROHM-RLZTE-1122B Datasheet
820Kb / 4P
   500mW Zener Leadless Diode
RLZTE-1113A ROHM-RLZTE-1113A Datasheet
820Kb / 4P
   500mW Zener Leadless Diode
RLZTE-1110B ROHM-RLZTE-1110B Datasheet
820Kb / 4P
   500MW Zener Leadless Diode
RLZTE-1115A ROHM-RLZTE-1115A Datasheet
820Kb / 4P
   500mW Zener Leadless Diode
RLZTE-1127D ROHM-RLZTE-1127D Datasheet
820Kb / 4P
   500mW Zener Leadless Diode
RLZTE-1136B ROHM-RLZTE-1136B Datasheet
820Kb / 4P
   500mW Zener LeadLess Diode
RLZTE-1122D ROHM-RLZTE-1122D Datasheet
820Kb / 4P
   500mW Zener Leadless Diode RLZ Series
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com