Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLMP-EG55-JLK00 Datasheet (PDF) - Agilent(Hewlett-Packard)

HLMP-EG55-JLK00 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HLMP-EG55-JLK00
Download  HLMP-EG55-JLK00 Download

File Size   688.47 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps

HLMP-EG55-JLK00 Datasheet (PDF)

Go To PDF Page Download Datasheet
HLMP-EG55-JLK00 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HLMP-EG55-JLK00
Download  HLMP-EG55-JLK00 Click to download

File Size   688.47 Kbytes
Page   6 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps

HLMP-EG55-JLK00 Datasheet (HTML) - Agilent(Hewlett-Packard)

HLMP-EG55-JLK00 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-EG55-JLK00 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-EG55-JLK00 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-EG55-JLK00 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-EG55-JLK00 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-EG55-JLK00 Datasheet HTML 6Page - Agilent(Hewlett-Packard)

HLMP-EG55-JLK00 Product details

Description
These Precision Optical Performance AlInGaP LEDs provide superior light output for excellent readability in sunlight and are extremely reliable. AlInGaP LED technology provides extremely stable light output over long periods of time. Precision Optical Performance lamps utilize the aluminum indium gallium phosphide (AlInGaP) technology.

Features
• Well Defined and Smooth Spatial Radiation Patterns
• Wide Viewing Angle
• Tinted Diffused Lamp
• High Luminous Output
• Colors: 590/592 nm Amber 615/617 nm Reddish-Orange 626/630 nm Red
• High Operating Temperature: TJLED = +130°C
• Superior Resistance to Moisture

Benefits
• Viewing Angles Match Traffic Management Sign Requirements
• Colors Meet Automotive Specifications
• Superior Performance in Outdoor Environments
• Suitable for Autoinsertion onto PC Boards

Applications
• Traffic Management: Variable Message Signs Traffic Management Signs
• Commercial Indoor/Outdoor Advertising: Signs Marquees Passenger Information
• Automotive: Exterior and Interior Lights




Similar Part No. - HLMP-EG55-JLK00

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HLMP-EG55-J1000 BOARDCOM-HLMP-EG55-J1000 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
HLMP-EG55-J10DD BOARDCOM-HLMP-EG55-J10DD Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
HLMP-EG55-J2000 BOARDCOM-HLMP-EG55-J2000 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
HLMP-EG55-J20DD BOARDCOM-HLMP-EG55-J20DD Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
HLMP-EG55-J4000 BOARDCOM-HLMP-EG55-J4000 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
More results


Similar Description - HLMP-EG55-JLK00

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com