Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HDSP-M103-HF000 Datasheet (PDF) - Agilent(Hewlett-Packard)

HDSP-M103-HF000 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HDSP-M103-HF000
Download  HDSP-M103-HF000 Download

File Size   93.02 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Large 5 X 7 Dot Matrix Alphanumeric Displays 17.3/26.5 mm Character Heights

HDSP-M103-HF000 Datasheet (PDF)

Go To PDF Page Download Datasheet
HDSP-M103-HF000 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HDSP-M103-HF000
Download  HDSP-M103-HF000 Click to download

File Size   93.02 Kbytes
Page   8 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description Large 5 X 7 Dot Matrix Alphanumeric Displays 17.3/26.5 mm Character Heights

HDSP-M103-HF000 Datasheet (HTML) - Agilent(Hewlett-Packard)

HDSP-M103-HF000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-M103-HF000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-M103-HF000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-M103-HF000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-M103-HF000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-M103-HF000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-M103-HF000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-M103-HF000 Datasheet HTML 8Page - Agilent(Hewlett-Packard)

HDSP-M103-HF000 Product details

Description

The large 5 X 7 dot matrix alpha numeric display family consists of 26.5 mm (1.04 inch) and 17.3 mm (0.68 inch) character height packages. These devices have excellent viewability; the 26.5 mm character can be read at up to 18 meters (12 meters for the 0.68 inch part).

The 26.5 mm font has a 10.2 mm (0.4 inch) dual-in-line (DIP) configuration, while the 17.3 mm font has an industry standard 7.6 mm (0.3 inch) DIP configuration.

Applications include electronic instrumentation, computer peripherals, point of sale terminals, weighing scales, and industrial electronics.



Features

• Multiple Colors Available

• Large Character Height

• 5 X 7 Dot Matrix Font

• Viewable Up to 18 Meters (26.5 mm Display)

• X-Y Stackable

• Ideal for Graphics Panels

• Available in Common Row

   Anode and Common Row

   Cathode Configurations

• AlGaAs Displays Suitable for Low Power or Bright Ambients

   Typical Intensity 1650 mcd at 2 mA Average Drive Current

• Categorized for Intensity

• Mechanically Rugged

• Green Categorized for Color



 




Similar Part No. - HDSP-M103-HF000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDSP-076 HP-HDSP-076 Datasheet
118Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
HDSP-0760 HP-HDSP-0760 Datasheet
118Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-0760 AVAGO-HDSP-0760 Datasheet
148Kb / 9P
   Hexadecimal and Numeric Displays for Industrial Applications
HDSP-0760 AVAGO-HDSP-0760 Datasheet
216Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
HDSP-0760 AVAGO-HDSP-0760_08 Datasheet
216Kb / 8P
   Hexadecimal and Numeric Displays for Industrial Applications
More results


Similar Description - HDSP-M103-HF000

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HDSP-7XXX BOARDCOM-HDSP-7XXX Datasheet
38Kb / 1P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
HDSP-70XE BOARDCOM-HDSP-70XE Datasheet
210Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
Kingbright Corporation
TA12-11 KINGBRIGHT-TA12-11 Datasheet
233Kb / 6P
   30 MM 5 X 7 DOT MATRIX DISPLAYS
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-S5XE AVAGO-HDSP-S5XE Datasheet
121Kb / 12P
   91.44 mm (3.6 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-S51E HP-HDSP-S51E Datasheet
260Kb / 12P
   27.4 mm (1.08 inch) General Purpose 5 x 7 Dot Matrix Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-70XE AVAGO-HDSP-70XE Datasheet
166Kb / 6P
   17.3 mm (0.68 inch) General Purpose 5x7 Dot Matrix Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HDSP-70 HP-HDSP-70 Datasheet
81Kb / 7P
   17.3 mm (0.68 inch) General Purpose 5 x 7 Dot Matrix
logo
Fairchild Semiconductor
GMA8475C FAIRCHILD-GMA8475C Datasheet
627Kb / 8P
   1.2 5 x 7 DOT MATRIX DISPLAYS
GMA2875C FAIRCHILD-GMA2875C Datasheet
616Kb / 8P
   2.0" 5 X 7 DOT MATRIX DISPLAYS
logo
Agilent(Hewlett-Packard...
HDSP-S6 HP-HDSP-S6 Datasheet
124Kb / 12P
   General Purpose 5 x 8 Dot Matrix Alphanumeric Displays
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com