Electronic Components Datasheet Search |
|
PCHMB100B12 Datasheet (PDF) - Nihon Inter Electronics Corporation |
PCHMB100B12 Datasheet (PDF) |
Download Datasheet |
Part # | PCHMB100B12 |
Download | PCHMB100B12 Click to download |
File Size | 121.47 Kbytes |
Page | 3 Pages |
Manufacturer | NIEC [Nihon Inter Electronics Corporation] |
Direct Link | http://www.niec.co.jp |
Logo | |
Description | IGBT MODULE Chopper 100A 1200V |
PCHMB100B12 Datasheet (HTML) - Nihon Inter Electronics Corporation |
Similar Part No. - PCHMB100B12 |
|
Similar Description - PCHMB100B12 |
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |