Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4115S Datasheet (PDF) - Rohm

2SC4115S Datasheet PDF - Rohm
Part # 2SC4115S
Download  2SC4115S Download

File Size   96.5 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Low Frequency Transistor (20V, 3A)

2SC4115S Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4115S Datasheet PDF - Rohm

Part # 2SC4115S
Download  2SC4115S Click to download

File Size   96.5 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Low Frequency Transistor (20V, 3A)

2SC4115S Datasheet (HTML) - Rohm

2SC4115S Datasheet HTML 1Page - Rohm 2SC4115S Datasheet HTML 2Page - Rohm 2SC4115S Datasheet HTML 3Page - Rohm 2SC4115S Datasheet HTML 4Page - Rohm

2SC4115S Product details

Features
1) Low VCE(sat). VCE(sat)= 0.2V (Typ.) (IC/IB= 2A / 0.1A)
2) Excellent current gain characteristics.
3) Complements the 2SB1424 / 2SA1585S.



Similar Part No. - 2SC4115S

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
2SC4115S SECOS-2SC4115S Datasheet
95Kb / 2P
   NPN Silicon General Purpose Transistor
logo
Rohm
2SC4115S ROHM-2SC4115S Datasheet
165Kb / 3P
   Low Frequency Transistor (20V, 3A)
logo
SHENZHEN YONGERJIA INDU...
2SC4115S WINNERJOIN-2SC4115S Datasheet
131Kb / 1P
   TRANSISTOR (NPN)
logo
Jiangsu Changjiang Elec...
2SC4115S JIANGSU-2SC4115S Datasheet
2Mb / 5P
   TO-92S Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
2SC4115S-Q MCC-2SC4115S-Q Datasheet
75Kb / 2P
   NPN Plastic-Encapsulate Transistors
More results


Similar Description - 2SC4115S

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD2264 ROHM-2SD2264 Datasheet
99Kb / 4P
   Low Frequency Transistor (20V,3A)
2SD2150T100S ROHM-2SD2150T100S Datasheet
113Kb / 3P
   Low Frequency Transistor (20V, 3A)
2SC4115STPR ROHM-2SC4115STPR Datasheet
165Kb / 3P
   Low Frequency Transistor (20V, 3A)
2SC4115S ROHM-2SC4115S_09 Datasheet
165Kb / 3P
   Low Frequency Transistor (20V, 3A)
2SD2150 ROHM-2SD2150_09 Datasheet
167Kb / 3P
   Low Frequency Transistor (20V, 3A)
2SD2150 ROHM-2SD2150 Datasheet
100Kb / 4P
   Low Frequency Transistor(20V, 3A)
2SD2150T100R ROHM-2SD2150T100R Datasheet
113Kb / 3P
   Low Frequency Transistor (20V, 3A)
logo
Nanjing International G...
2SD2150 DGNJDZ-2SD2150 Datasheet
498Kb / 4P
   LOW FREQUENCY TRANSISTER (20V,3A)
2SB1424 DGNJDZ-2SB1424 Datasheet
493Kb / 4P
   Low VCE(sat) Transistor(-20V,-3A)
logo
Rohm
2SB1424 ROHM-2SB1424 Datasheet
101Kb / 3P
   Low Vce(sat) Transistor (-20V, -3A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com