Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4132 Datasheet (PDF) - Rohm

2SC4132 Datasheet PDF - Rohm
Part # 2SC4132
Download  2SC4132 Download

File Size   80.43 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power Transistor (120V, 1.5A)

2SC4132 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4132 Datasheet PDF - Rohm

Part # 2SC4132
Download  2SC4132 Click to download

File Size   80.43 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power Transistor (120V, 1.5A)

2SC4132 Datasheet (HTML) - Rohm

2SC4132 Datasheet HTML 1Page - Rohm 2SC4132 Datasheet HTML 2Page - Rohm 2SC4132 Datasheet HTML 3Page - Rohm 2SC4132 Datasheet HTML 4Page - Rohm

2SC4132 Product details

Features

1) High breakdown voltage. (BVCEO = 120V)

2) Low collector output capacitance. (Typ. 20pF at VCB = 10V)

3) High transition frequency. (fT = 80MHz)

4) Complements the 2SB1236.



Similar Part No. - 2SC4132

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4132 ROHM-2SC4132 Datasheet
43Kb / 1P
   Power Transistor
logo
Guangdong Kexin Industr...
2SC4132 KEXIN-2SC4132 Datasheet
49Kb / 1P
   NPN Epitaxial Planar Silicon Transistors
logo
Dongguan City Niuhang E...
2SC4132 NIUHANG-2SC4132 Datasheet
7Mb / 6P
   NPN TRANSISTOR
More results


Similar Description - 2SC4132

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1236 ROHM-2SB1236 Datasheet
73Kb / 3P
   Power Transistor (-120V , -1.5A)
2SCR375P5 ROHM-2SCR375P5 Datasheet
1Mb / 9P
   Middle Power Transistor(120V/1.5A)
2SAR375P5 ROHM-2SAR375P5 Datasheet
1Mb / 10P
   PNP -1.5A -120V Middle Power Transistor
2SB1340 ROHM-2SB1340 Datasheet
38Kb / 1P
   Power Transistor (120V, -6A)
2SD1857 ROHM-2SD1857_09 Datasheet
164Kb / 3P
   Power Transistor (120V, 2A)
2SD1957 ROHM-2SD1957 Datasheet
39Kb / 1P
   Power Transistor (120V, 7A)
2SD1918 ROHM-2SD1918_10 Datasheet
149Kb / 3P
   Power Transistor (160V , 1.5A)
2SD2211 ROHM-2SD2211 Datasheet
138Kb / 4P
   Power Transistor (160V , 1.5A)
2SB1275 ROHM-2SB1275_09 Datasheet
175Kb / 4P
   Power Transistor (-160V, -1.5A)
2SD1918TLQ ROHM-2SD1918TLQ Datasheet
110Kb / 3P
   Power Transistor (160V , 1.5A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com