Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5881 Datasheet (PDF) - Rohm

2SC5881 Datasheet PDF - Rohm
Part # 2SC5881
Download  2SC5881 Download

File Size   79.88 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power transistor (60V, 5A)

2SC5881 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC5881 Datasheet PDF - Rohm

Part # 2SC5881
Download  2SC5881 Click to download

File Size   79.88 Kbytes
Page   4 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Power transistor (60V, 5A)

2SC5881 Datasheet (HTML) - Rohm

2SC5881 Datasheet HTML 1Page - Rohm 2SC5881 Datasheet HTML 2Page - Rohm 2SC5881 Datasheet HTML 3Page - Rohm 2SC5881 Datasheet HTML 4Page - Rohm



Similar Part No. - 2SC5881

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
2SC588 NJSEMI-2SC588 Datasheet
127Kb / 1P
   General Purpose Diodes
2SC588 NJSEMI-2SC588 Datasheet
127Kb / 1P
   Electrical characterlitics
logo
Rohm
2SC5880 ROHM-2SC5880 Datasheet
79Kb / 4P
   Power transistor (60V, 2A)
2SC5880 ROHM-2SC5880 Datasheet
939Kb / 4P
   Power transistor (60V, 2A)
2SC5880 ROHM-2SC5880 Datasheet
97Kb / 4P
   Power transistor (60V, 2A)
More results


Similar Description - 2SC5881

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA2096 ROHM-2SA2096 Datasheet
81Kb / 4P
   Power transistor (-60V, -5A)
logo
KODENSHI_AUK CORP.
SDB560PH KODENSHI-SDB560PH Datasheet
302Kb / 5P
   60V, 5A POWER SCHOTTKY RECTIFIER
SDB560PH-1 KODENSHI-SDB560PH-1 Datasheet
302Kb / 5P
   60V, 5A POWER SCHOTTKY RECTIFIER
logo
Rohm
RD3L050SN ROHM-RD3L050SN Datasheet
2Mb / 16P
   Nch 60V 5A Power MOSFET
2SC5103 ROHM-2SC5103 Datasheet
65Kb / 2P
   High speed switching transistor (60V, 5A)
logo
Littelfuse
2SA1952TLQ LITTELFUSE-2SA1952TLQ Datasheet
107Kb / 3P
   High-speed Switching Transistor (-60V, -5A)
logo
Rohm
2SC5103TLQ ROHM-2SC5103TLQ Datasheet
114Kb / 4P
   High speed switching transistor (60V, 5A)
2SA1952 ROHM-2SA1952 Datasheet
33Kb / 2P
   High-speed Switching Transistor (-60V, -5A)
RD3L050SNFRA ROHM-RD3L050SNFRA Datasheet
2Mb / 15P
   Nch 60V 5A Power MOSFET
2SC5103 ROHM-2SC5103_09 Datasheet
170Kb / 4P
   High speed switching transistor (60V, 5A)
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com