Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB482T11 Datasheet (PDF) - OPTEK Technologies

OPB482T11 Datasheet PDF - OPTEK Technologies
Part # OPB482T11
Download  OPB482T11 Download

File Size   175.95 Kbytes
Page   4 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Photologic Slotted Optical Switches

OPB482T11 Datasheet (PDF)

Go To PDF Page Download Datasheet
OPB482T11 Datasheet PDF - OPTEK Technologies

Part # OPB482T11
Download  OPB482T11 Click to download

File Size   175.95 Kbytes
Page   4 Pages
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies
Description Photologic Slotted Optical Switches

OPB482T11 Datasheet (HTML) - OPTEK Technologies

OPB482T11 Datasheet HTML 1Page - OPTEK Technologies OPB482T11 Datasheet HTML 2Page - OPTEK Technologies OPB482T11 Datasheet HTML 3Page - OPTEK Technologies OPB482T11 Datasheet HTML 4Page - OPTEK Technologies

OPB482T11 Product details

Description:
The OPB460, OPB470, OPB480 and OPB490 series of Photologic® photo integrated circuit switches provide optimum flexibility for the design engineer. Building from a standard housing with a 0.125” (3.180 mm) wide slot, a user can specify the type and polarity of TTL output, discrete shell material, aperture width and choice of mounting configurations. OPB460 through OPB473 have 0.425” (10.795 mm) PCBoard leads with 0.320” (8.1 mm) spacing. OPB480 through OPB493 have 24” (609 mm) 26 AWG wires (UL approved wires).
All devices in this series exhibit performance over supply voltages ranging from 4.5 V to 16.0 V, and may be specified as buffered or inverted with 10 kW Pull-up or Open Collector output. Devices are also TTI/LSTTL compatible and can drive up to 10 TTL loads.

Features:
• Choice of pins or wires mounting configuration
• Choice of aperture
• Choice of output configuration
• Choice of opaque or IR transmissive shell material
• Data rates to 250 kBaud
• Low power consumption

Applications:
• Mechanical switch replacement
• Speed indication (tachometer)
• Mechanical limit indication
• Edge sensing




Similar Part No. - OPB482T11

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB480 OPTEK-OPB480 Datasheet
264Kb / 7P
   Choice of pins or wires mounting configuration
logo
TT Electronics.
OPB480 TTELEC-OPB480 Datasheet
1Mb / 8P
   Slotted Optical
OPB48060L11Z TTELEC-OPB48060L11Z Datasheet
1Mb / 8P
   Slotted Optical
OPB48060N11Z TTELEC-OPB48060N11Z Datasheet
1Mb / 8P
   Slotted Optical
OPB48060P11Z TTELEC-OPB48060P11Z Datasheet
1Mb / 8P
   Slotted Optical
More results


Similar Description - OPB482T11

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB460 OPTEK-OPB460 Datasheet
203Kb / 4P
   Photologic Slotted Optical Switches
OPB900W OPTEK-OPB900W Datasheet
421Kb / 4P
   Photologic Slotted Optical Switches
OPB930L OPTEK-OPB930L Datasheet
417Kb / 4P
   Photologic Slotted Optical Switches
OPB120 OPTEK-OPB120 Datasheet
361Kb / 4P
   PHOTOLOGIC SLOTTED OPTICAL SWITCHES
OPB930W OPTEK-OPB930W Datasheet
314Kb / 4P
   Photologic Slotted Optical Switches
OPB911W55 OPTEK-OPB911W55 Datasheet
422Kb / 4P
   Photologic Slotted Optical Switches
OPB960 OPTEK-OPB960 Datasheet
875Kb / 4P
   Photologic Slotted Optical Switches
OPB980 OPTEK-OPB980 Datasheet
399Kb / 6P
   Photologic TM Slotted Optical Switches
OPB947 OPTEK-OPB947 Datasheet
124Kb / 4P
   PHOTOLOGIC SLOTTED SWITCHES
OPB900L OPTEK-OPB900L Datasheet
414Kb / 4P
   Photologic Slotted Optical Switches Types OPB900L,OPB910L
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com