Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD45421G Datasheet (PDF) - Rohm

BD45421G Datasheet PDF - Rohm
Part # BD45421G
Download  BD45421G Download

File Size   222.67 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Voltage Detector IC built in Delay Citcuit

BD45421G Datasheet (PDF)

Go To PDF Page Download Datasheet
BD45421G Datasheet PDF - Rohm

Part # BD45421G
Download  BD45421G Click to download

File Size   222.67 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description Voltage Detector IC built in Delay Citcuit

BD45421G Datasheet (HTML) - Rohm

BD45421G Datasheet HTML 1Page - Rohm BD45421G Datasheet HTML 2Page - Rohm BD45421G Datasheet HTML 3Page - Rohm BD45421G Datasheet HTML 4Page - Rohm BD45421G Datasheet HTML 5Page - Rohm BD45421G Datasheet HTML 6Page - Rohm

BD45421G Product details

VOLTAGE DETECTOR IC with counter timer

BD45XXXG and BD46XXXG are series of high-accuracy detection voltage and low current consumption VOLTAGE DETECTOR ICs adopting CMOS process. New lineup of 156 types with delay time circuit have developed. Delay time is fixed in the IC due to the built-in counter timer to require no external capacitor. Total 156 types of VOLTAGE DETECTOR ICs including BD45XXXG series (Nch open drain output) and BD46XXXG series (CMOS output), each of which has 26 kinds in every 0.1V step (2.3~4.8V) and three kinds of delay time (50msec, 100msec, 200msec) have developed.

Features
1) Built-in delay time circuit
   (Fixed delay time by the built-in –10% of high-accuracy counter timer)
2) No external capacitor for setting delay time required
3) 3 kinds of delay time: 50msec(Typ.)(BD45XX5G,BD46XX5G)
                                       100msec(Typ.)(BD45XX1G,BD46XX1G)
                                       200msec(Typ.)(BD45XX2G,BD46XX2G)
4) Detection voltage: 2.3V ~ 4.8V 0.1V step
5) High-accuracy detection voltage: –1.0%
6) Ultra low current consumption:0.85mA typ.
7) Output circuit: Nch open drain(BD45XXXG)
                           CMOS(BD46XXXG)
8) Package: SSOP5(SMP5C2)
9) Operating temperature range: -40°C ~ +105°C

Applications
   Every kind of appliances with microcontroller and logic circuit




Similar Part No. - BD45421G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD45421G ROHM-BD45421G Datasheet
469Kb / 4P
   VOLTAGE DETECTOR IC
BD45421G-TR ROHM-BD45421G-TR Datasheet
482Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
BD45421G-TR ROHM-BD45421G-TR Datasheet
570Kb / 16P
   Counter Timer Built-in CMOS Voltage Detector IC
More results


Similar Description - BD45421G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD46XXXG ROHM-BD46XXXG Datasheet
218Kb / 6P
   Voltage Detector IC built in Delay Circuit
logo
Torex Semiconductor
XC61H TOREX-XC61H Datasheet
574Kb / 13P
   Voltage Detector with Delay Circuit Built-In
XC61H TOREX-XC61H_1 Datasheet
576Kb / 13P
   Voltage Detector with Delay Circuit Built-In
logo
AiT Semiconductor Inc.
A4809 AITSEMI-A4809 Datasheet
557Kb / 9P
   SUPERVISOR (RESET IC) LOW VOLTAGE DETECTOR WITH BUILT-IN DELAY CIRCUIT
REV4.1
logo
Unisonic Technologies
88CXX UTC-88CXX Datasheet
215Kb / 16P
   BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
logo
Unisonic Technologies
88NXX_1112 UTC-88NXX_1112 Datasheet
242Kb / 8P
   BUILT-IN DELAY CIRCUIT HIGH-PRECISION VOLTAGE DETECTOR
logo
ACE Technology Co., LTD...
ACE306A ACE-ACE306A Datasheet
233Kb / 8P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8511 BELLING-BL8511 Datasheet
550Kb / 5P
   Low Voltage Detector With Built-in Delay Circuit
logo
Lowpower Semiconductor ...
LP3818 POWER-LP3818 Datasheet
457Kb / 6P
   Reset, Low Voltage Detector Built-in Delay 200ms
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com