Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18LF2410T Datasheet (PDF) - Microchip Technology

PIC18LF2410T Datasheet PDF - Microchip Technology
Part # PIC18LF2410T
Download  PIC18LF2410T Download

File Size   7062.35 Kbytes
Page   380 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44-PIN FLASH MICROCONTROLLERS WITH 10-BIT A/D AND NANO WATT TECHNOLOGY

PIC18LF2410T Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC18LF2410T Datasheet PDF - Microchip Technology

Part # PIC18LF2410T
Download  PIC18LF2410T Click to download

File Size   7062.35 Kbytes
Page   380 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28/40/44-PIN FLASH MICROCONTROLLERS WITH 10-BIT A/D AND NANO WATT TECHNOLOGY

PIC18LF2410T Datasheet (HTML) - Microchip Technology

Back Button PIC18LF2410T Datasheet HTML 1Page - Microchip Technology PIC18LF2410T Datasheet HTML 2Page - Microchip Technology PIC18LF2410T Datasheet HTML 3Page - Microchip Technology PIC18LF2410T Datasheet HTML 4Page - Microchip Technology PIC18LF2410T Datasheet HTML 5Page - Microchip Technology PIC18LF2410T Datasheet HTML 6Page - Microchip Technology PIC18LF2410T Datasheet HTML 7Page - Microchip Technology PIC18LF2410T Datasheet HTML 8Page - Microchip Technology PIC18LF2410T Datasheet HTML 9Page - Microchip Technology PIC18LF2410T Datasheet HTML 10Page - Microchip Technology Next Button 

PIC18LF2410T Product details

DEVICE OVERVIEW
This document contains device specific information for the following devices:
  • PIC18F2410     • PIC18LF2410
  • PIC18F2510     • PIC18LF2510
  • PIC18F2515     • PIC18LF2515
  • PIC18F2610     • PIC18LF2610
  • PIC18F4410     • PIC18LF4410
  • PIC18F4510     • PIC18LF4510
  • PIC18F4515     • PIC18LF4515
  • PIC18F4610     • PIC18LF4610
This family offers the advantages of all PIC18 microcontrollers – namely, high computational performance at an economical price – with the addition of high-endurance, Flash program memory. On top of these features, the PIC18F2X1X/4X1X family introduces design enhancements that make these microcontrollers a logical choice for many high-performance, power sensitive applications.

Power-Managed Modes:
• Run: CPU On, Peripherals On
• Idle: CPU Off, Peripherals On
• Sleep: CPU Off, Peripherals Off
• Idle mode Currents Down to 3.0 μA Typical
• Sleep mode Currents Down to 20 nA Typical
• Timer1 Oscillator: 1.8 μA, 32 kHz, 2V
• Watchdog Timer: 2.1 μA
• Two-Speed Oscillator Start-up

Peripheral Highlights:
• High-Current Sink/Source 25 mA/25 mA
• Up to 2 Capture/Compare/PWM (CCP) modules, One with Auto-Shutdown (28-pin devices)
• Enhanced Capture/Compare/PWM (ECCP) module (40/44-pin devices only):
   - One, two or four PWM outputs
   - Selectable polarity
   - Programmable dead time
   - Auto-shutdown and auto-restart
• Master Synchronous Serial Port (MSSP) module Supporting 3-Wire SPI (all 4 modes) and I2C™ Master and Slave modes
• Enhanced Addressable USART module:
   - Supports RS-485, RS-232 and LIN 1.2
   - RS-232 operation using internal oscillator block (no external crystal required)
   - Auto-wake-up on Start bit
   - Auto-Baud Detect
• 10-Bit, Up to 13-Channel Analog-to-Digital Converter module (A/D):
   - Auto-acquisition capability
   - Conversion available during Sleep
• Dual Analog Comparators with Input Multiplexing
• Programmable 16-Level High/Low-Voltage Detection (HLVD) module:
   - Supports interrupt on High/Low-Voltage Detection
  
Flexible Oscillator Structure:
• Four Crystal modes, Up to 40 MHz
• 4x Phase Lock Loop (PLL) – Available for Crystal and Internal Oscillators
• Two External RC modes, Up to 4 MHz
• Two External Clock modes, Up to 40 MHz
• Internal Oscillator Block:
   - 8 user-selectable frequencies, from 31 kHz to 8 MHz
   - Provides a complete range of clock speeds from 31 kHz to 32 MHz when used with PLL
   - User-tunable to compensate for frequency drift
• Secondary Oscillator using Timer1 @ 32 kHz
• Fail-Safe Clock Monitor:
   - Allows for safe shutdown if peripheral clock stops

Special Microcontroller Features:
• C Compiler Optimized Architecture:
   - Optional extended instruction set designed to optimize re-entrant code
• 100,000 Erase/Write Cycle Flash Program Memory Typical
• Three Programmable External Interrupts
• Four Input Change Interrupts
• Priority Levels for Interrupts
• 8 x 8 Single-Cycle Hardware Multiplier
• Extended Watchdog Timer (WDT):
   - Programmable period from 4 ms to 131s
• Single-Supply 5V In-Circuit Serial Programming™ (ICSP™) via Two Pins
• In-Circuit Debug (ICD) via Two Pins
• Wide Operating Voltage Range: 2.0V to 5.5V
• Programmable Brown-out Reset (BOR) with Software Enable Option




Similar Part No. - PIC18LF2410T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18LF2410 MICROCHIP-PIC18LF2410 Datasheet
6Mb / 378P
   28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
More results


Similar Description - PIC18LF2410T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2X1X MICROCHIP-PIC18F2X1X_07 Datasheet
6Mb / 378P
   28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
PIC18F2X1X MICROCHIP-PIC18F2X1X_09 Datasheet
6Mb / 376P
   28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2009
PIC18F23K20 MICROCHIP-PIC18F23K20 Datasheet
7Mb / 420P
   28/40/44-Pin Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
PIC18F2620-ISO MICROCHIP-PIC18F2620-ISO Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F2420 MICROCHIP-PIC18F2420 Datasheet
6Mb / 390P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2004
PIC18F2420 MICROCHIP-PIC18F2420_08 Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2008
PIC18F4321 MICROCHIP-PIC18F4321 Datasheet
6Mb / 396P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2007
PIC18LF4620-I MICROCHIP-PIC18LF4620-I Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18LF4520-IPT MICROCHIP-PIC18LF4520-IPT Datasheet
6Mb / 412P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
01/02/08
PIC18F2420 MICROCHIP-PIC18F2420_05 Datasheet
283Kb / 16P
   28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
2005
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com