Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC18F4585-P Datasheet (PDF) - Microchip Technology

PIC18F4585-P Datasheet PDF - Microchip Technology
Part # PIC18F4585-P
Download  PIC18F4585-P Download

File Size   9271.83 Kbytes
Page   484 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology

PIC18F4585-P Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC18F4585-P Datasheet PDF - Microchip Technology

Part # PIC18F4585-P
Download  PIC18F4585-P Click to download

File Size   9271.83 Kbytes
Page   484 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology

PIC18F4585-P Datasheet (HTML) - Microchip Technology

Back Button PIC18F4585-P Datasheet HTML 1Page - Microchip Technology PIC18F4585-P Datasheet HTML 2Page - Microchip Technology PIC18F4585-P Datasheet HTML 3Page - Microchip Technology PIC18F4585-P Datasheet HTML 4Page - Microchip Technology PIC18F4585-P Datasheet HTML 5Page - Microchip Technology PIC18F4585-P Datasheet HTML 6Page - Microchip Technology PIC18F4585-P Datasheet HTML 7Page - Microchip Technology PIC18F4585-P Datasheet HTML 8Page - Microchip Technology PIC18F4585-P Datasheet HTML 9Page - Microchip Technology PIC18F4585-P Datasheet HTML 10Page - Microchip Technology Next Button 

PIC18F4585-P Product details

DEVICE OVERVIEW
This document contains device-specific information for the following devices, operating in an ambient temperature range between -40°C and 150°C:
• PIC18F2585 • PIC18F4585
• PIC18F2680 • PIC18F4680

High-Temperature Features:
• Ambient Temperature Range of -40°C to 150°C

ECAN Module Features:
• Message Bit Rates, up to 1 Mbps
• Conforms to CAN 2.0B ACTIVE Specification
• Fully Backward Compatible with PIC18XXX8 CAN
   modules
• Three Modes of Operation:
   - Legacy, Enhanced Legacy, FIFO
• Three Dedicated Transmit Buffers with Prioritization
• Two Dedicated Receive Buffers
• Six Programmable Receive/Transmit Buffers
• Three Full 29-Bit Acceptance Masks
• 16 Full 29-Bit Acceptance Filters w/ Dynamic Association
• DeviceNet™ Data Byte Filter Support
• Automatic Remote Frame Handling
• Advanced Error Management Features

Power-Managed Modes:
• Run: CPU on, Peripherals on
• Idle: CPU off, Peripherals on
• Sleep: CPU off, Peripherals off
• Two-Speed Oscillator Start-up

Flexible Oscillator Structure:
• Four Crystal modes, up to 40 MHz
• 4x Phase Lock Loop (PLL) – Available for Crystal
   and Internal Oscillators
• Two External RC modes, up to 4 MHz
• Two External Clock modes, up to 40 MHz
• Internal Oscillator Block:
   - 8 user-selectable frequencies,
      from 31 kHz to 8 MHz
   - Provides a complete range of clock speeds,
      from 31 kHz to 32 MHz when used with PLL
   - User-tunable to compensate for frequency drift
• Secondary Oscillator using Timer1 @ 32 kHz
• Fail-Safe Clock Monitor
   - Allows for safe shutdown if peripheral clock stops

Special Microcontroller Features:
• C Compiler Optimized Architecture with Optional
   Extended Instruction Set
• Priority Levels for Interrupts
• 8 x 8 Single-Cycle Hardware Multiplier
• Extended Watchdog Timer (WDT):
   - Programmable period from 41 ms to 131s
• Single-Supply 5V In-Circuit Serial
   Programming™ (ICSP™) via Two Pins
• In-Circuit Debug (ICD) via Two Pins (Continue ...)




Similar Part No. - PIC18F4585-P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F4585-IP MICROCHIP-PIC18F4585-IP Datasheet
5Mb / 482P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
12/08/06
PIC18F4585-IP MICROCHIP-PIC18F4585-IP Datasheet
5Mb / 482P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
12/08/06
PIC18F4585-IP MICROCHIP-PIC18F4585-IP Datasheet
5Mb / 484P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
12/08/06
More results


Similar Description - PIC18F4585-P

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC18F2680-I-SO MICROCHIP-PIC18F2680-I-SO Datasheet
8Mb / 482P
   Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
12/08/06
PIC18F2585 MICROCHIP-PIC18F2585_07 Datasheet
8Mb / 482P
   Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
2007
PIC18F2480 MICROCHIP-PIC18F2480_07 Datasheet
8Mb / 483P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
2007
PIC18F2585-I MICROCHIP-PIC18F2585-I Datasheet
8Mb / 482P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN??Technology, 10-Bit A/D and nanoWatt Technology
12/08/06
PIC18F4685-E MICROCHIP-PIC18F4685-E Datasheet
5Mb / 484P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
12/08/06
PIC18F4680-E MICROCHIP-PIC18F4680-E Datasheet
5Mb / 482P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
12/08/06
PIC18F4680-I MICROCHIP-PIC18F4680-I Datasheet
5Mb / 482P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
12/08/06
PIC18F2682 MICROCHIP-PIC18F2682 Datasheet
8Mb / 484P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
2007
PIC18F4580 MICROCHIP-PIC18F4580 Datasheet
8Mb / 484P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
2004
PIC18F2480 MICROCHIP-PIC18F2480_09 Datasheet
8Mb / 490P
   28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
2009
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com