Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3763 Datasheet (PDF) - Toshiba Semiconductor

2SK3763 Datasheet PDF - Toshiba Semiconductor
Part # 2SK3763
Download  2SK3763 Download

File Size   96.36 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field Effect Transistor Silicon N Channel MOS Type ( pi -MOSIV)

2SK3763 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK3763 Datasheet PDF - Toshiba Semiconductor

Part # 2SK3763
Download  2SK3763 Click to download

File Size   96.36 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field Effect Transistor Silicon N Channel MOS Type ( pi -MOSIV)

2SK3763 Datasheet (HTML) - Toshiba Semiconductor

2SK3763 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3763 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3763 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3763 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3763 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3763 Datasheet HTML 6Page - Toshiba Semiconductor

2SK3763 Product details

Switching Regulator Applications

• Low drain-source ON resistance: RDS (ON) = 3.7Ω (typ.)
• High forward transfer admittance: |Yfs| = 2.6 S (typ.)
• Low leakage current: IDSS = 100 μ A (VDS = 720 V)
• Enhancement-mode: V th = 2.0~4.0 V (V DS = 10 V, ID = 1 mA)




Similar Part No. - 2SK3763

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3760 TOSHIBA-2SK3760 Datasheet
87Kb / 6P
   Switching Regulator Applications
logo
VBsemi Electronics Co.,...
2SK3760 VBSEMI-2SK3760 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
logo
Toshiba Semiconductor
2SK3761 TOSHIBA-2SK3761 Datasheet
89Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOS4)
logo
VBsemi Electronics Co.,...
2SK3761 VBSEMI-2SK3761 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
logo
Toshiba Semiconductor
2SK3762 TOSHIBA-2SK3762 Datasheet
90Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type
More results


Similar Description - 2SK3763

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3565 TOSHIBA-2SK3565_V01 Datasheet
218Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type, π-MOSIV
2013-11-01
TK25A10K3 TOSHIBA-TK25A10K3 Datasheet
312Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOSIV)
TPCP8202 TOSHIBA-TPCP8202 Datasheet
235Kb / 7P
   TOSHIBA Field Effect Transistor Silicon N-Channel MOS Type (U-MOSIV)
TPC8115 TOSHIBA-TPC8115 Datasheet
2Mb / 4P
   FIELD EFFECT TRANSISTOR SILICON P CHANNEL MOS TYPE(U-MOSIV)
2SK3310 TOSHIBA-2SK3310 Datasheet
234Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PI-MOSV)
2SK3314 TOSHIBA-2SK3314 Datasheet
263Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PI-MOSV)
2SK3374 TOSHIBA-2SK3374 Datasheet
227Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (pi-MOSV)
TPC8114 TOSHIBA-TPC8114 Datasheet
168Kb / 4P
   TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIV)
2SK3387 TOSHIBA-2SK3387 Datasheet
216Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L2-pi-MOSV)
2SK1600 TOSHIBA-2SK1600 Datasheet
674Kb / 9P
   FIELD EFFECT TRANSISTOR SILICON N-CHANNEL MOS TYPE
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com