Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF1093A Datasheet (PDF) - RF Monolithics, Inc

SF1093A Datasheet PDF - RF Monolithics, Inc
Part # SF1093A
Download  SF1093A Download

File Size   189.04 Kbytes
Page   8 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 175 MHz SAW Filter

SF1093A Datasheet (PDF)

Go To PDF Page Download Datasheet
SF1093A Datasheet PDF - RF Monolithics, Inc

Part # SF1093A
Download  SF1093A Click to download

File Size   189.04 Kbytes
Page   8 Pages
Manufacturer  RFM [RF Monolithics, Inc]
Direct Link  http://www.rfm.com
Logo RFM - RF Monolithics, Inc
Description 175 MHz SAW Filter

SF1093A Datasheet (HTML) - RF Monolithics, Inc

SF1093A Datasheet HTML 1Page - RF Monolithics, Inc SF1093A Datasheet HTML 2Page - RF Monolithics, Inc SF1093A Datasheet HTML 3Page - RF Monolithics, Inc SF1093A Datasheet HTML 4Page - RF Monolithics, Inc SF1093A Datasheet HTML 5Page - RF Monolithics, Inc SF1093A Datasheet HTML 6Page - RF Monolithics, Inc SF1093A Datasheet HTML 7Page - RF Monolithics, Inc SF1093A Datasheet HTML 8Page - RF Monolithics, Inc

SF1093A Product details

175 MHz SAW Filter

• Designed for GSM BTS Transmitter IF Applications
• Low Insertion Loss
• Excellent Size-to-Performance Ratio
• Hermetic 13.3 x 6.5 mm Surface-Mount Case
• Unbalanced Input and Output
• Complies with Directive 2002/95/EC (RoHS)




Similar Part No. - SF1093A

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF109 GOOD-ARK-SF109 Datasheet
174Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
RF Monolithics, Inc
SF1090A RFM-SF1090A Datasheet
171Kb / 6P
   350 MHz SAW Filter
SF1091A RFM-SF1091A Datasheet
236Kb / 9P
   211 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1091A MURATA-SF1091A Datasheet
84Kb / 4P
   211 MHz SAW Filter
logo
RF Monolithics, Inc
SF1092A RFM-SF1092A Datasheet
230Kb / 9P
   199 MHz SAW Filter
More results


Similar Description - SF1093A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SF2304B MURATA-SF2304B Datasheet
264Kb / 5P
   175 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB0388A TAI-SAW-TB0388A Datasheet
616Kb / 6P
   IF SAW Filter 175 MHz SMD 7 X5mm
logo
TriQuint Semiconductor
854622 TRIQUINT-854622 Datasheet
37Kb / 1P
    175 MHz Bandpass Filter
logo
KR Electronics, Inc.
3179-SMA KR-3179-SMA Datasheet
101Kb / 3P
   175 MHz Bandpass Filter
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com