Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT256D64S88A2GM Datasheet (PDF) - List of Unclassifed Manufacturers

NT256D64S88A2GM Datasheet PDF - List of Unclassifed Manufacturers
Part # NT256D64S88A2GM
Download  NT256D64S88A2GM Download

File Size   198.37 Kbytes
Page   14 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 200pin One Bank Unbuffered DDR SO-DIMM

NT256D64S88A2GM Datasheet (PDF)

Go To PDF Page Download Datasheet
NT256D64S88A2GM Datasheet PDF - List of Unclassifed Manufacturers

Part # NT256D64S88A2GM
Download  NT256D64S88A2GM Click to download

File Size   198.37 Kbytes
Page   14 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description 200pin One Bank Unbuffered DDR SO-DIMM

NT256D64S88A2GM Datasheet (HTML) - List of Unclassifed Manufacturers

Back Button NT256D64S88A2GM Datasheet HTML 1Page - List of Unclassifed Manufacturers NT256D64S88A2GM Datasheet HTML 2Page - List of Unclassifed Manufacturers NT256D64S88A2GM Datasheet HTML 3Page - List of Unclassifed Manufacturers NT256D64S88A2GM Datasheet HTML 4Page - List of Unclassifed Manufacturers NT256D64S88A2GM Datasheet HTML 5Page - List of Unclassifed Manufacturers NT256D64S88A2GM Datasheet HTML 6Page - List of Unclassifed Manufacturers NT256D64S88A2GM Datasheet HTML 7Page - List of Unclassifed Manufacturers NT256D64S88A2GM Datasheet HTML 8Page - List of Unclassifed Manufacturers NT256D64S88A2GM Datasheet HTML 9Page - List of Unclassifed Manufacturers NT256D64S88A2GM Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 

NT256D64S88A2GM Product details

[Nanya]

Description
NT256D64S88A2GM is an unbuffered 200-Pin Double Data Rate (DDR) Synchronous DRAM Dual In-Line Memory Module (DIMM), organized as a one-bank high-speed memory array. The 32Mx64 module is a single-bank DIMM that uses eight 32Mx8 DDR SDRAMs in 400 mil TSOP packages. The DIMM achieves high-speed data transfer rates of up to 266MHz. The DIMM is intended for use in applications operating from 100 MHz to 133 MHz clock speeds with data rates of 200 to 266 MHz. Clock enable CKE0 controls all devices on the DIMM.

Features
• JEDEC Standard 200-Pin Small Outline Dual In-Line Memory Module (SO-DIMM)
• 32Mx64 Double Unbuffered DDR SO-DIMM based on 32Mx8 DDR SDRAM.
• Performance :
• Intended for 100 MHz and 133 MHz applications
• Inputs and outputs are SSTL-2 compatible
• VDD = 2.5Volt ± 0.2, VDDQ = 2.5Volt ± 0.2
• Single Pulsed RAS interface
• SDRAMs have 4 internal banks for concurrent operation
• Module has one physical bank
• Differential clock inputs
• Data is read or written on both clock edges
• DRAM DLL aligns DQ and DQS transitions with clock transitions.
• Address and control signals are fully synchronous to positive clock edge
• Programmable Operation:
    - DIMM CAS Latency: 2, 2.5
    - Burst Type: Sequential or Interleave
    - Burst Length: 2, 4, 8
    - Operation: Burst Read and Write
• Auto Refresh (CBR) and Self Refresh Modes
• Automatic and controlled precharge commands
• 13/10/2 Addressing (row/column/bank)
• 7.8 ms Max. Average Periodic Refresh Interval
• Serial Presence Detect
• Gold contacts
• SDRAMs in 66-pin TSOP Type II Package




Similar Part No. - NT256D64S88A2GM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT256D64S88A0G ETC1-NT256D64S88A0G Datasheet
199Kb / 14P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88A0G-75B ETC1-NT256D64S88A0G-75B Datasheet
199Kb / 14P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88A0G-7K ETC1-NT256D64S88A0G-7K Datasheet
199Kb / 14P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88A0G-8B ETC1-NT256D64S88A0G-8B Datasheet
199Kb / 14P
   184pin One Bank Unbuffered DDR SDRAM MODULE
NT256D64S88AAG ETC1-NT256D64S88AAG Datasheet
961Kb / 15P
   184pin One Bank Unbuffered DDR SDRAM MODULE
More results


Similar Description - NT256D64S88A2GM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NT256D64SH8B0GM ETC1-NT256D64SH8B0GM Datasheet
801Kb / 15P
   200pin Unbuffered DDR SO-DIMM
logo
Hynix Semiconductor
HYMD216726A6J-J HYNIX-HYMD216726A6J-J Datasheet
217Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD264M646BF8-J HYNIX-HYMD264M646BF8-J Datasheet
541Kb / 19P
   Unbuffered DDR SO-DIMM
HYMD264M646BLF8-D43 HYNIX-HYMD264M646BLF8-D43 Datasheet
563Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD512M646AFS8-D43 HYNIX-HYMD512M646AFS8-D43 Datasheet
382Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD564M646A8-J HYNIX-HYMD564M646A8-J Datasheet
317Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD216726A6-M HYNIX-HYMD216726A6-M Datasheet
243Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD216726C6-M HYNIX-HYMD216726C6-M Datasheet
268Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD564M646AL6-D43 HYNIX-HYMD564M646AL6-D43 Datasheet
332Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD216M646CL6-J HYNIX-HYMD216M646CL6-J Datasheet
319Kb / 20P
   Unbuffered DDR SO-DIMM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com