Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P80C54SFAA Datasheet (PDF) - NXP Semiconductors

P80C54SFAA Datasheet PDF - NXP Semiconductors
Part # P80C54SFAA
Download  P80C54SFAA Download

File Size   355.71 Kbytes
Page   56 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)

P80C54SFAA Datasheet (PDF)

Go To PDF Page Download Datasheet
P80C54SFAA Datasheet PDF - NXP Semiconductors

Part # P80C54SFAA
Download  P80C54SFAA Click to download

File Size   355.71 Kbytes
Page   56 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)

P80C54SFAA Datasheet (HTML) - NXP Semiconductors

Back Button P80C54SFAA Datasheet HTML 1Page - NXP Semiconductors P80C54SFAA Datasheet HTML 2Page - NXP Semiconductors P80C54SFAA Datasheet HTML 3Page - NXP Semiconductors P80C54SFAA Datasheet HTML 4Page - NXP Semiconductors P80C54SFAA Datasheet HTML 5Page - NXP Semiconductors P80C54SFAA Datasheet HTML 6Page - NXP Semiconductors P80C54SFAA Datasheet HTML 7Page - NXP Semiconductors P80C54SFAA Datasheet HTML 8Page - NXP Semiconductors P80C54SFAA Datasheet HTML 9Page - NXP Semiconductors P80C54SFAA Datasheet HTML 10Page - NXP Semiconductors Next Button 

P80C54SFAA Product details

DESCRIPTION

Three different Single-Chip 8-Bit Microcontroller families are presented in this datasheet:



•80C32/8XC52/8XC54/8XC58

•80C51FA/8XC51FA/8XC51FB/8XC51FC

•80C51RA+/8XC51RA+/8XC51RB+/8XC51RC+/8XC51RD+



For applications requiring 4K ROM/EPROM, see the 8XC51/80C31 8-bit CMOS (low voltage, low power, and high speed) microcontroller families datasheet.



FEATURES

•80C51 Central Processing Unit

•Speed up to 33MHz

•Full static operation

•Operating voltage range: 2.7V to 5.5V @ 16MHz

•Security bits:

–ROM – 2 bits

–OTP–EPROM – 3 bits

•Encryption array – 64 bytes

•RAM expandable to 64K bytes

•4 level priority interrupt

•6 or7 interrupt sources, depending on device

•Four 8-bit I/O ports

•Full-duplex enhanced UART

–Framing error detection

–Automatic address recognition

•Power control modes

–Clock can be stopped and resumed

–Idle mode

–Power down mode

•Programmable clock out

•Second DPTR register

•Asynchronous port reset

•Low EMI (inhibit ALE)




Similar Part No. - P80C54SFAA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P80C54SFAA PHILIPS-P80C54SFAA Datasheet
348Kb / 55P
   8-bit CMOS (low voltage, low power and high speed) microcontroller families
1999 Apr 01
More results


Similar Description - P80C54SFAA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
8XC54_51FX_51RX PHILIPS-8XC54_51FX_51RX_15 Datasheet
371Kb / 56P
   80C51 8-bit microcontroller family 8K??4K/256??K OTP/ROM/ROMless, low voltage (2.7V??.5V), low power, high speed (33 MHz)
2000 Aug 07
80C51 PHILIPS-80C51 Datasheet
350Kb / 38P
   80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V, low power, high speed 33 MHz
2000 Jan 20
P87C51X2BBD157 PHILIPS-P87C51X2BBD157 Datasheet
409Kb / 62P
   80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP, low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
2003 Jan 24
80C451 PHILIPS-80C451 Datasheet
162Kb / 22P
   80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, expanded I/O
1998 May 01
83C453 PHILIPS-83C453 Datasheet
188Kb / 26P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM, expanded I/O
1998 Apr 23
87C750 PHILIPS-87C750 Datasheet
137Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
80C575 PHILIPS-80C575 Datasheet
383Kb / 40P
   80C51 8-bit microcontroller family 8K/256 OTP/ROM/ROMless, 4 comparator, failure detect circuitry, watchdog timer
1998 May 01
83C750 PHILIPS-83C750 Datasheet
158Kb / 16P
   80C51 8-bit microcontroller family 1K/64 OTP ROM, low pin count
1998 May 01
80C31X2 PHILIPS-80C31X2 Datasheet
380Kb / 62P
   80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
2003 Jan 24
P80C31X2 NXP-P80C31X2 Datasheet
408Kb / 62P
   80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage (2.7 to 5.5 V), low power, high speed (30/33 MHz)
2003 Jan 24
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com