Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLL130-09QI Datasheet (PDF) - PhaseLink Corporation

PLL130-09QI Datasheet PDF - PhaseLink Corporation
Part # PLL130-09QI
Download  PLL130-09QI Download

File Size   237.05 Kbytes
Page   5 Pages
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation
Description High Speed Translator Buffer to LVDS

PLL130-09QI Datasheet (PDF)

Go To PDF Page Download Datasheet
PLL130-09QI Datasheet PDF - PhaseLink Corporation

Part # PLL130-09QI
Download  PLL130-09QI Click to download

File Size   237.05 Kbytes
Page   5 Pages
Manufacturer  PLL [PhaseLink Corporation]
Direct Link  http://www.phaselink.com
Logo PLL - PhaseLink Corporation
Description High Speed Translator Buffer to LVDS

PLL130-09QI Datasheet (HTML) - PhaseLink Corporation

PLL130-09QI Datasheet HTML 1Page - PhaseLink Corporation PLL130-09QI Datasheet HTML 2Page - PhaseLink Corporation PLL130-09QI Datasheet HTML 3Page - PhaseLink Corporation PLL130-09QI Datasheet HTML 4Page - PhaseLink Corporation PLL130-09QI Datasheet HTML 5Page - PhaseLink Corporation

PLL130-09QI Product details

DESCRIPTION

The PLL130-09 is a low cost, high performance, high speed, buffer that reproduces any input frequency from DC to 1.0GHz. It provides a pair of differential LVDS output. Any input signal with at least 100mV swing can be used as reference signal. This chip is ideal for conversion from sine wave, TTL, CMOS, or PECL to LVDS.



FEATURES

Differential LVDS output

Single AC coupled input (min. 100mV swing).

Input range from DC to 1.0 GHz.

2.5V to 3.3V operation.

Available in 8-Pin SOIC or 3x3mm QFN.




Similar Part No. - PLL130-09QI

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL130-05 PLL-PLL130-05 Datasheet
208Kb / 4P
   High Speed Translator Buffer to PECL (Enable Low)
PLL130-05QC PLL-PLL130-05QC Datasheet
208Kb / 4P
   High Speed Translator Buffer to PECL (Enable Low)
PLL130-05QC-R PLL-PLL130-05QC-R Datasheet
208Kb / 4P
   High Speed Translator Buffer to PECL (Enable Low)
PLL130-05QI PLL-PLL130-05QI Datasheet
208Kb / 4P
   High Speed Translator Buffer to PECL (Enable Low)
PLL130-05SC PLL-PLL130-05SC Datasheet
208Kb / 4P
   High Speed Translator Buffer to PECL (Enable Low)
More results


Similar Description - PLL130-09QI

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABB3009 ABRACON-ABB3009 Datasheet
90Kb / 5P
   High Speed Translator Buffer to LVDS
logo
PhaseLink Corporation
PLL130-08 PLL-PLL130-08 Datasheet
240Kb / 5P
   High Speed Translator Buffer to PECL
logo
Microchip Technology
PL130-07 MICROCHIP-PL130-07 Datasheet
294Kb / 16P
   High Speed Translator Buffer to LVCMOS
06/23/16
logo
List of Unclassifed Man...
ABB3007 ETC1-ABB3007 Datasheet
80Kb / 5P
   High Speed Translator Buffer to CMOS
logo
Abracon Corporation
ABB3008 ABRACON-ABB3008 Datasheet
92Kb / 5P
   High Speed Translator Buffer to PECL
logo
ON Semiconductor
NB6L14S ONSEMI-NB6L14S_11 Datasheet
241Kb / 11P
   Differential Input to LVDS Fanout Buffer/Translator
October, 2011 ??Rev. 2
logo
Abracon Corporation
ABB3005 ABRACON-ABB3005 Datasheet
87Kb / 4P
   High Speed Translator Buffer to PECL (Enable Low)
ABB3007 ABRACON-ABB3007 Datasheet
86Kb / 5P
   High Speed Translator Buffer to CMOS (Selectable Drive)
logo
PhaseLink Corporation
PLL130-05 PLL-PLL130-05 Datasheet
208Kb / 4P
   High Speed Translator Buffer to PECL (Enable Low)
PLL130-07 PLL-PLL130-07 Datasheet
231Kb / 5P
   High Speed Translator Buffer to CMOS (Selectable Drive)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com