Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE3341 Datasheet (PDF) - Peregrine Semiconductor Corp.

PE3341 Datasheet PDF - Peregrine Semiconductor Corp.
Part # PE3341
Download  PE3341 Download

File Size   280.2 Kbytes
Page   17 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description 2700 MHz Integer-N PLL with Field-Programmable EEPROM Features

PE3341 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE3341 Datasheet PDF - Peregrine Semiconductor Corp.

Part # PE3341
Download  PE3341 Click to download

File Size   280.2 Kbytes
Page   17 Pages
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.
Description 2700 MHz Integer-N PLL with Field-Programmable EEPROM Features

PE3341 Datasheet (HTML) - Peregrine Semiconductor Corp.

Back Button PE3341 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE3341 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE3341 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE3341 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE3341 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE3341 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE3341 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE3341 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE3341 Datasheet HTML 9Page - Peregrine Semiconductor Corp. PE3341 Datasheet HTML 10Page - Peregrine Semiconductor Corp. Next Button 

PE3341 Product details

Product Description
The PE3341 is a high performance integer-N PLL with embedded EEPROM capable of frequency synthesis up to 2700 MHz with a speed-grade option to 3000 MHz. The EEPROM allows designers to permanently store control bits, allowing easy configuration of self-starting synthesizers. The superior phase noise performance of the PE3341 is ideal for applications such as sonet, wireless base stations, fixed wireless, and RF instrumentation systems.

Features
• Field-programmable EEPROM for selfstarting applications
• Standard 2700 MHz operation, 3000 MHz speed-grade option
• ÷10/11 dual modulus prescaler
• Internal charge pump
• Serial programmable
• Low power — 20 mA at 3 V
• Ultra-low phase noise
• Available in 24-lead TSSOP or 20-lead 4x4 mm QFN package




Similar Part No. - PE3341

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE33412 PASTERNACK-PE33412 Datasheet
277Kb / 1P
   CABLE ASSEMBLY RG179B/U 75 OHM BNC MALE TO 75OHM BNC MALE RIGHT ANGLE
PE33412LF PASTERNACK-PE33412LF Datasheet
232Kb / 1P
   CABLE ASSEMBLY RG179B/U 75 OHM BNC MALE TO 75 OHM BNC MALE RIGHT ANGLE(LEAD FREE)
PE33414 PASTERNACK-PE33414 Datasheet
276Kb / 1P
   CABLE ASSEMBLY RG187A/U 75 OHM BNC MALE TO 75 OHM BNC MALE RIGHT ANGLE
PE33414LF PASTERNACK-PE33414LF Datasheet
286Kb / 1P
   CABLE ASSEMBLY RG187A/U 75 OHM BNC MALE TO 75 OHM BNC MALE RIGHT ANGLE(LEAD FREE)
PE33416 PASTERNACK-PE33416 Datasheet
140Kb / 1P
   CABLE ASSEMBLY RG216/U 75 OHM BNC MALE TO 75 OHM BNC MALE RIGHT ANGLE
More results


Similar Description - PE3341

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE3342 PEREGRINE-PE3342 Datasheet
277Kb / 17P
   2.7 GHz Integer-N PLL with Field-Programmable EEPROM Features
logo
Peregrine Semiconductor
PE83336 PSEMI-PE83336_14 Datasheet
787Kb / 12P
   3000 MHz UltraCMOS짰 Integer-N PLL
logo
National Semiconductor ...
LMX2470 NSC-LMX2470 Datasheet
453Kb / 36P
   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
logo
Texas Instruments
LMX2470 TI1-LMX2470_14 Datasheet
2Mb / 38P
[Old version datasheet]   2.6 GHz Delta-Sigma Fractional-N PLL with 800 MHz Integer-N PLL
TRF3761 TI-TRF3761 Datasheet
443Kb / 18P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3762 TI-TRF3762 Datasheet
1Mb / 33P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
logo
Hittite Microwave Corpo...
HMC1031MS8E HITTITE-HMC1031MS8E Datasheet
1Mb / 10P
   CLOCK GENERATOR WITH INTEGER-N PLL
logo
Texas Instruments
TRF3761 TI-TRF3761_07 Datasheet
1Mb / 56P
[Old version datasheet]   INTEGER-N PLL WITH INTEGRATED VCO
TRF3761 TI1-TRF3761 Datasheet
1Mb / 57P
[Old version datasheet]   Integer-N PLL with Integrated VCO
logo
Analog Devices
HMC1031 AD-HMC1031 Datasheet
355Kb / 13P
   0.1MHz to 500 MHz Clock Generator with Integer N PLL
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com